Electronic Components Datasheet Search
  English  ▼

X  

WS3416H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS3416H
Description  Non-isolated Buck APFC Offline LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3416H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS3416H Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3416H Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3416H Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3416H Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3416H Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3416H Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3416H Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3416H Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.winsemi.comTel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/8
WS3416H ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Pin Configuration and Marking Information
The WS3416H is available in DIP7 Package,the top marking is shown as below:
Pin Definition
Name
Pin No.
Description
COMP
1
Loop Compensation Node. This pin connects a capacitor to GND for stabilization of the
control loop, achieving accurate LED current, high Power Factor and low THD.
GND
2
Ground.
VCC
3
Power Supply Pin. Connect a bypass capacitor from this pin to GND.
FB
4
Feedback Voltage Input Pin. This pin detects the inductor demagnetization signal and the
output voltage.
D
5/6
Internal HV Power MOSFET Drain.
CS
7
Current Sense Pin. Connect a resistor to GND to sense the inductor current.
Internal Block Diagram
WS3416HD7P
A:Product Code
X:Internal Code
BCY:Internal Code For QC
YMX:D/C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com