Electronic Components Datasheet Search
  English  ▼

X  

WS3418 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS3418
Description  Non-isolated Buck APFC Offline LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3418 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS3418 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3418 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3418 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3418 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3418 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3418 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3418 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3418 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.winsemi.comTel : +86-755-8250 6288
Fax : +86-755-8250 6299
6/8
WS3418 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Bypass Capacitor
The bypass capacitor on VCC pin should be as close as
possible to the VCC and GND pins.
Ground Path
The power ground path for current sense resistor should
be short and wide, and it should be as close as possible to the
IC ground (pin 2), otherwise the LED output current accuracy
maybe affected. The IC signal ground for COMP and FB
components should be connected to the IC GND pin with
short traces and should be away from the power ground path.
The Area of Power Loop
The area of main current loop should be as small as
possible to reduce EMI radiation.
FB Pin
The feedback resistor divider should be as close as
possible to the FB pin, and the trace must keeps away from
dynamic node of the inductor (DRAIN pin trace、the positive
pin and the negative pin of Vo trace), otherwise the FB pin
OVP function might have risk to be mis-triggered by the
system noise.
DRAIN Pin
To increase the copper area of DRAIN pin for better
thermal dissipation. However, too large copper area may
compromise EMI performance.
The material of PCB
Avoid choosing the material that is easy to absorb the
moisture, just like paper copper-clad laminates.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com