Electronic Components Datasheet Search
  English  ▼

X  

WS3442 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS3442
Description  Non-isolated Buck Offline LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3442 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS3442 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3442 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3442 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3442 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3442 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3442 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3442 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3442 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS3442 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/10
WS3442 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Typical Application(DIP-7 Package)
Attention:A 22pF capacitor can be parallel with Rovp and a resistor can be parallel with the Vcc capacitor.
Pin Configuration and Marking Information
The WS3442 is available in SOP-8 Package and DIP-7 Package,the top marking is shown as below:
Pin Definition
Name
Pin No.
Description
GND
1
Ground
ROVP
2
Over Voltage Protection Setting Pin. Connect a resistor to GND
NC
3
No Connection. Should be connected to GND(Pin1)
VCC
4
Power Supply Pin
DRAIN
5/6
Internal HV Power MOSFET Drain.
CS
7/8
Current Sense Pin. Connect a sense resistor between this pin and GND pin.
WS3442S8P
A:Product Code
X:Internal Code
BCY:Internal Code For QC
YMX:D/C
WS3442D7P
A:Product Code
X:Internal Code
BCY:Internal Code For QC
YMX:D/C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com