Electronic Components Datasheet Search
  English  ▼

X  

WS3443 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS3443
Description  Non-isolated Buck Offline LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3443 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS3443 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3443 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
6/8
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WS3443 ProductDescription
And then the Rovp resistor value can be calculated by
the equation:
6
3.3*
*10
Rovp
Tovp
(
kohm)
Protection Function
The WS3443 offers rich protection functions to improve
the system reliability, including LED open/short protection,
CS resistor short protection, VCC under voltage protection,
thermal regulation. When the LED is open circuit, the
system will trigger the over voltage protection and stop
switching.
When the LED short circuit is detected, the system
works at low frequency (5kHz), and the CS pin turn off
threshold is reduced to 200mV. So the system power
consumption is very low. At some catastrophic fault
condition, such as CS resistor shorted or inductor saturated,
the internal fast fault detection circuit will be triggered, the
system stops switching immediately.
After the system enters into fault condition, the VCC
voltage will decrease until it reaches the UVLO threshold,
then the system will re-start again. If the fault condition is
removed, the system will recover to normal operation.
Thermal Regulation
The WS3443 integrates thermal regulation function.
When the system is over temperature, the output current is
gradually reduced; the output power and thermal dissipation
are also reduced. The system temperature is regulated and
the system reliability is improved. The thermal regulation
temperature is set to 150℃ internally.
PCB Layouts
The following rules should be followed in WS3443 PCB
layout:
Vcc Capacitor
The bypass capacitor on VCC pin should be as close as
possible to the VCC Pin and GND pin.
ROVP Pin
The ROVP resistor should be as close as possible to
the ROVP Pin.
Ground Path
The power ground path for current sense should be
short, and the power ground path should be separated from
small signal ground path before connecting to the negative
node of the bulk capacitor.
The Area of Power Loop
The area of main current loop should be as small as
possible to reduce EMI radiation, such as the inductor, the
power MOSFET, the output diode and the bus capacitor
loop.
NC pin
The NC pin should be connected to GND (pin1).
Drain Pin
To increase the copper area of DRAIN pin for better
thermal dissipation. However too large copper area may
compromise EMI performance.
The material of PCB
Avoid choosing the material that is easy to absorb the
moisture, just like paper copper-clad laminates.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com