Electronic Components Datasheet Search
  English  ▼

X  

WS9221 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WS9221
Description  High Precision PSR Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9221 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WS9221 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9221 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9221 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9221 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9221 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9221 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9221 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9221 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/9
WS9221ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Application Information
The WS9221 is a high performance power switch
specially designed for LED lighting, with patent constant
current control technology. The WS9221integrates a 650V
power MOSFET. The accurate LED current can be realized
without opto-coupler, TL431 feedback circuit and auxiliary
winding while minimizing the external component count,
lowering the total bill of material cost.
Start Up
The start-up current in WS9221 is designed to as low as
45uA. The VCC capacitor will be charged through the
start-up resistor when the system is powered on. Once the
VCC voltage reaches the start-up threshold, the WS9221
will start to switch. The WS9221 integrates a 8V zener for
VCC clamping. Due to the ultra-low operating current, the
auxiliary winding is not needed to supply the IC.
Constant Current Control
Cycle-by-Cycle current sense is adopted in WS9221,
the CS is connected to the current sense comparator, and
the voltage on CS will be compared with the internal 500mV
reference voltage, the MOSFET will be switched off when
the voltage on CS reaches the threshold. The output of the
comparator includes a 500ns leading edge blanking time.
The primary peak current is given by:
)
(
500
P_PK
mA
R
I
CS
The current in LED can be calculatedby the equation:
S
P
OUT
N
N
I
I
4
P_PK
Where,
NP: primary winding turns of transformer
NS: secondary winding turns of transformer
IP_PK: peak current in MOSFET
Power MOSFET
The WS9221 integrates a 650V power N-MOSFET. It
can minimize the external component count and reduce the
BOM cost and PCB size.
The WS9221 uses SOP-7 package. The recommended
system output power is below 5W in universal input
(90Vac~265Vac) application.
Operating Switching Frequency
The WS9221 is designed to work in discontinuous
conduction mode and no external loop compensation
component is required while maintaining stability. The
maximum duty cycle is limited to 42%. The maximum
switching frequency at normal operation is suggested to set
around 65KHz~70KHz. If the maximum frequency is set too
high, it will affect the number of maximum series LED lamps.
If set too low, the LED open circuit voltage will be too high.
The maximum and minimum switching frequency is
limited in WS9221 to ensure the stability of system.
The switching frequency can be set by the formula:
LED
LED
I
Lp
Ns
V
Np
f
2
2
8
Where, LP is the primary winding inductance of
transformer.
Protection Function
The WS9221 has integrated rich protection functions,
LED open/short protection, CS resistor short circuit
protection, VCC under voltage protection, over temperature
protection, and so on. When the LED is open circuit, it will
trigger over-voltage protection logic and latch, the system
stops switching immediately.
When the LED short circuit is detected, the system
works at low frequency (Fop=3KHz), so the power
consumption is low. At some catastrophic fault condition,
such as shorted CS resistor or flyback transformer
saturation, the internal fast fault detection circuit will trigger
and latch, the system stops switching immediately.
After the system enters into fault latch condition, the
VCC voltage will fall until it reaches UVLO threshold. Then
the system will re-start again. If the fault condition is
removed, the system will recover to normal operation.
PCB Layouts
The following rules should be followed in WS9221 PCB
layout:
Bypass Capacitor
The bypass capacitor on VCC should be as close as
possible to the VCC pin and GND pin.
Ground Path
The power ground path for current sense should be
short, and the power ground path should be separated from
small signal ground path before the negative of the bulk



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com