Electronic Components Datasheet Search
  English  ▼

X  

DM9102A Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DM9102A
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102A Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DM9102A Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102A Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9102A Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9102A Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9102A Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9102A Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9102A Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9102A Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9102A Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
12
Final
Version: DM9102A-DS-F03
August 28, 2000
90
SPEED10#
/ LINK#
O
LED output pin, active low
mode 0 = 10Mbps LED
mode 1 = Link LED
Network Interface
Pin No.
128QFP/128TQFP
Pin Name
I/O
Description
105,106
RXI+
RX-
I
100M/10Mbps differential input pair.
These two pins are differential receive input pair for
100BASE-TX and 10BASE-T. They are capable of receiving
100BASE-TX MLT-3 or 10BASE-T Manchester encoded
data.
109,110
TXO+
TXO-
O
100M/10Mbps differential output pair.
These two pins are differential output pair for 100BASE-TX
and 10BASE-T. This output pair provides controlled rise and
fall times designed to filter the transmitter output.
Miscellaneous Pins
Pin No.
128QFP/128TQFP
Pin Name
I/O
Description
36
CLOCKRUN#
I/O,
O/D
Clockrun#
The clockrun# signal is used by the system to pause or slow
down the PCI clock signal. It is used by the DM9102A to
enable or disable suspension of the PCI clock signal or restart
of the PCI clock. When the clockrun# signal is not used, this pin
should connected to an external pull-down resistor.
71
TEST2
I
TEST mode control 2
In normal operation, this pin is pulled-high.
75
TEST1
I
TEST mode control 1
In normal operation, this pin is pulled low.
95
WOL/CSTSCHG
O
Wake up signal/Card Status Change
This is multiplexed pin to provide Wake on LANsignal or Card
Status Change. In a PCI system, it is used as a WOL signal. In
a CardBus system, it is used as the Card Status Change
output signal and is asynchronous to the clock signal. It
indicates that a power management event has occurred in a
CardBus system. The DM9102A can assert this pin if it detects
link status change, or magic packet, or sample frame. The
default is “normal low, active high pulse”. DM9102A also
support High/Low and Pulse/Level options.
97
X2
O
Crystal feedback output pin used for crystal connection only.
Leave this pin open if oscillator is used.
98
X1/OSC
I
Crystal or Oscillator input. (25MHZ
²50ppm)
25MHz Oscillator or series-resonance, fundamental
frequency crystal.
102
BGRES
I
Bandgap Voltage Reference Resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com