Electronic Components Datasheet Search
  English  ▼

X  

MVIH5 Datasheet(PDF) 2 Page - MMD Components

Part # MVIH5
Description  Hermetically Sealed Ceramic SMD Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVIH5 Datasheet(HTML) 2 Page - MMD Components

  MVIH5 Datasheet HTML 1Page - MMD Components MVIH5 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
In the event of conflict, the requirements of this specification shall govern.
Revision:
10/22/14 R
Specification subject to change without notice
Pg 2 of 2
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
Output
H = HCMOS
Frequency
Stability
010 = ±10 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Pullability
D = ±50 ppm min
P = ±80 ppm min
C = ±100 ppm min
Linearity
Blank = ±20% max
X = ±5% max
Z = ±15% max
Y = ±10% max
Packaging
Blank = Bulk
T = Tape and Reel
MVI
Frequency
H
5 x 7 Ceramic SM VCXO 6 Pads
Please Consult with MMD Sales Deparment for any other Parameters or Options
Pin 2 & 5 Connection
H = Pin 2-Tri-state, Pin 5-N/C
Blank = Pins 2 & 5 = N/C
T = Pins 2 & 5 = Tri-state
R = Pin 2-N/C, Pin 5-Tri-state



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com