Electronic Components Datasheet Search
  English  ▼

X  

LM2619 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2619
Description  500mA Sub-Miniature Step-Down DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2619 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2619 Datasheet HTML 1Page - National Semiconductor (TI) LM2619 Datasheet HTML 2Page - National Semiconductor (TI) LM2619 Datasheet HTML 3Page - National Semiconductor (TI) LM2619 Datasheet HTML 4Page - National Semiconductor (TI) LM2619 Datasheet HTML 5Page - National Semiconductor (TI) LM2619 Datasheet HTML 6Page - National Semiconductor (TI) LM2619 Datasheet HTML 7Page - National Semiconductor (TI) LM2619 Datasheet HTML 8Page - National Semiconductor (TI) LM2619 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
PVIN, VDD to SGND
−0.2V to +6V
PGND to SGND, PVIN to VDD
−0.2V to +0.2V
EN, EAOUT, EANEG, SYNC/MODE
to SGND
−0.2V to +6V
FB, SW
(GND −0.2V) to
(VDD +0.2V)
Storage Temperature Range
−45˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Junction Temperature (Note 2)
−25˚C to +125˚C
Minimum ESD Rating
±2kV
(Human Body Model, C = 100 pF, R = 1.5 k
Ω)
Thermal Resistance (
θ
JA) (Note 3)
140˚C/W
Electrical Characteristics
Specifications with standard typeface are for T
A =TJ = 25˚C, and those in boldface type apply over the full Operating Tem-
perature Range of T
A =TJ = −25˚C to +85˚C. Unless otherwise specified, PVIN = VDD = EN = SYNC/MODE = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Input Voltage Range
PVIN = VDD = V
IN (Note 4)
2.8
3.6
5.5
V
V
FB
Feedback Voltage
1.485
1.50
1.515
V
V
HYST
PFM Comparator Hysteresis
Voltage
PFM Mode (SYNC/MODE =
0V) (Note 5)
24
mV
I
SHDN
Shutdown Supply Current
VIN = 3.6V, EN = 0V
0.02
3
µA
I
Q1_PWM
DC Bias Current into VDD
SYNC/MODE = VIN
FB=2V
600
725
µA
I
Q2_PFM
SYNC/MODE = 0V
FB=2V
160
195
µA
R
DSON (P)
Pin-Pin Resistance for
P FET
395
550
m
Ω
R
DSON (N)
Pin-Pin Resistance for
N FET
330
500
m
Ω
R
DSON (TC)
FET Resistance
Temperature Coefficient
0.5
%/C
I
LIM
Switch Peak Current Limit
(Note 6)
620
810
1000
mA
V
IH
Logic High Input, EN,
SYNC/MODE
0.95
1.3
V
V
IL
Logic Low Input, EN,
SYNC/MODE
0.4
0.80
V
F
SYNC
SYNC/MODE Clock
Frequency Range
(Note 7)
500
1000
kHz
F
OSC
Internal Oscillator
Frequency
PWM Mode
468
600
732
kHz
T
min
Minimum ON-Time of PFET
Switch in PWM Mode
200
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but device specifications may not be guaranteed. For guaranteed specifications and associated test conditions, see the Min and Max limits and Conditions
in the Electrical Characteristics table. Typical (typ) specifications are mean or average values at 25˚C and are not guaranteed.
Note 2: Thermal shutdown will occur if the junction temperature exceeds 150˚C.
Note 3: Thermal resistance specified with 2 layer PCB (0.5/0.5 oz. cu).
Note 4: The LM2619 is designed for mobile phone applications where turn-on after system power-up is controlled by the system controller. Thus, it should be kept
in shutdown by holding the EN pin low until the input voltage exceeds 2.8V.
Note 5: The hysteresis voltage is the minimum voltage swing on the FB pin that causes the internal feedback and control circuitry to turn the internal PFET switch
on and then off during PFM mode. When resistor dividers are used like in the operating circuit of Figure 4, the hysteresis at the output will be the value of the
hysteresis at the feedback pin times the resistor divider ratio. In this case, 24mV (typ) x ((46.4k + 33.2k)/33.2k).
Note 6: Current limit is built-in, fixed, and not adjustable. If the current limit is reached while the voltage at the FB pin is pulled below 0.7V, the internal PFET switch
turns off for 2.5µs to allow the inductor current to diminish.
Note 7: SYNC driven with an external clock switching between VIN and GND. When an external clock is present at SYNC; the IC is forced to be in PWM mode at
the external clock frequency. The LM2619 synchronizes to the rising edge of the external clock.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com