Electronic Components Datasheet Search
  English  ▼

X  

DS1500 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1500
Description  Y2K Watchdog RTC with Nonvolatile Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1500 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1500 Datasheet HTML 1Page - Dallas Semiconductor DS1500 Datasheet HTML 2Page - Dallas Semiconductor DS1500 Datasheet HTML 3Page - Dallas Semiconductor DS1500 Datasheet HTML 4Page - Dallas Semiconductor DS1500 Datasheet HTML 5Page - Dallas Semiconductor DS1500 Datasheet HTML 6Page - Dallas Semiconductor DS1500 Datasheet HTML 7Page - Dallas Semiconductor DS1500 Datasheet HTML 8Page - Dallas Semiconductor DS1500 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS1500 Y2KC Watchdog RTC with Nonvolatile Control
4 of 19
AC OPERATING CHARACTERISTICS (continued)
(VCCI = 3.3V
±10%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Read Cycle Time
tRC
120
ns
Address Access Time
tAA
120
ns
CS to DQ Low-Z
tCSL
(Note 10)
5
ns
CS Access Time
tCSA
120
ns
CS Data Off Time
tCSZ
(Note 10)
40
ns
OE to DQ Low-Z (0°C to +85°C)
tOEL
(Note 10)
5
ns
OE to DQ Low-Z (-40°C to 0°C)
tOEL
(Note 10)
2
ns
OE Access Time
tOEA
100
ns
OE Data Off Time
tOEZ
(Note 10)
35
ns
Output Hold from Address
tOH
5
ns
Write Cycle Time
tWC
120
ns
Address Setup Time
tAS
0
ns
WE Pulse Width
tWEW
100
ns
CS Pulse Width
tCSW
110
ns
Data Setup Time
tDS
80
ns
Data Hold Time
tDH
5
ns
Address Hold Time
tAH
0
ns
WE Data Off Time
tWEZ
(Note 10)
40
ns
Write Recovery Time
tWR
15
ns
CEI to CEO Propagation Delay
tCEPD
10
ns
Pulse Width,
OE, WE, or CS High
PWHIGH
40
ns
Pulse Width,
OE, WE, or CS Low
PWLOW
100
ns
Figure 1. Read Cycle Timing
t
RC
t
CSA
t
OEA
t
CSL
t
OEL
t
OH
t
OEZ
t
AA
VALID
DQ0-DQ7
OE
CS
A0-A4
t
CSZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com