Electronic Components Datasheet Search
  English  ▼

X  

MVJL Datasheet(PDF) 2 Page - MMD Components

Part # MVJL
Description  MVJL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVJL Datasheet(HTML) 2 Page - MMD Components

  MVJL Datasheet HTML 1Page - MMD Components MVJL Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
08/31/11 E
Revisions only with customer approval
Pg 2 of 2
Operating Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
55 = -55°C to +125°C
*Option B (47.5/52.5%) Available up to 500MHz only
**200ppm Pullability not available with 3.3V Supply
Please Consult with MMD sales department for any other parameters or options.
P = PECL (+5.0VDC)
L = LVPECL (+3.3VDC)
Supply Voltage
Frequency
Stability
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Ceramic SMD 6 J-Leads
MVJ
1 = Less than 1 pSec Jitter
Jitter
Pullability**
A = ±200 ppm
C = ±100 ppm
D = ±50 ppm
P = ±25 ppm
Symmetry *
Blank = 40/60%
A = 45/55%
B = 47.5/52.5%
Frequency
1
Value Added Options
Blank = Bulk
T = Tape & Reel
PIN 1 INDICATOR
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
VOLTAGE CONTROL
ENABLE/DISABLE
GROUND
OUTPUT
COMP. OUTPUT
SUPPLY VOLTAGE
PIN CONNECTIONS
External Bypass Capacitor is Recommended
Dimension in Brackets are in Inches
Suggested
Land Pattern
9.80 [.386]
MAX
14.00 [.551]
MAX
4.70 [.185]
MAX
2.54 [.100]
5.08 [.200]
0.84 [.033]
DENOTES PIN 1
1
2
34
5
6
7.87 [.310]
2.54 [.100]
5.08 [.200]
1.02 [.040]
2.50 [.098]
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
DIRECTION OF FEED
Q2
Q1
Q4
Q3
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
Q2
Q4
Q1
Q3
REEL DIA
PITCH
Tape Width
COUNT
PITCH
REEL DIA
PIN 1 ORIENT.
TAPE WIDTH
500
Q1
12.00 [.471]
24.00 [.945]
330 [13.0]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com