Electronic Components Datasheet Search
  English  ▼

X  

DS1558 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1558
Description  Watchdog Clock with NV RAM Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1558 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1558 Datasheet HTML 9Page - Dallas Semiconductor DS1558 Datasheet HTML 10Page - Dallas Semiconductor DS1558 Datasheet HTML 11Page - Dallas Semiconductor DS1558 Datasheet HTML 12Page - Dallas Semiconductor DS1558 Datasheet HTML 13Page - Dallas Semiconductor DS1558 Datasheet HTML 14Page - Dallas Semiconductor DS1558 Datasheet HTML 15Page - Dallas Semiconductor DS1558 Datasheet HTML 16Page - Dallas Semiconductor DS1558 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DS1558
13 of 18
READ CYCLE, AC CHARACTERISTICS
(VCC = +3.3V ±10% or +5V ±10%, TA = -40°C to +85°C)
VCC = +5.5V ±10%
VCC = +3.3V ±10%
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS NOTES
Read Cycle Time
tRC
70
120
ns
Address Access Time
tAA
70
120
ns
CE
to DQ Low-Z
tCEL
5
5
ns
CE
Access Time
tCEA
70
120
ns
CE
Data Off Time
tCEZ
25
40
ns
OE
to DQ Low-Z
tOEL
5
5
ns
OE
Access Time
tOEA
35
100
ns
OE
Data Off Time
tOEZ
25
35
ns
Output Hold from
Address
tOH
5
5
ns
CE
to CER Propagation
Delay, +5V
tCEPD
15
ns
OE
to OER Propagation
Delay, +5V
tOEPD
20
ns
CE
to CER Propagation
Delay, +3.3V
tCEPD
30
ns
OE
to OER Propagation
Delay, +3.3V
tOEPD
40
ns
Figure 5. READ CYCLE TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com