Electronic Components Datasheet Search
  English  ▼

X  

DSEI12 Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSEI12
Description  Fast Recovery Epitaxial Diode (FRED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEI12 Datasheet(HTML) 2 Page - IXYS Corporation

  DSEI12 Datasheet HTML 1Page - IXYS Corporation DSEI12 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
DSEI 12, 600 V
Fig. 1 Forward current
Fig. 2 Recovery charge versus -di
F/dt.
Fig. 3 Peak reverse current versus
versus voltage drop.
-di
F/dt.
Fig. 4 Dynamic parameters versus
Fig. 5 Recovery time versus -di
F/dt.
Fig. 6 Peak forward voltage
junction temperature.
versus di
F/dt.
Fig. 7 Transient thermal impedance junction to case.
Dimensions
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
12.70 14.73
0.500 0.580
B
14.23 16.51
0.560 0.650
C
9.66 10.66
0.380 0.420
D
3.54
4.08
0.139 0.161
E
5.85
6.85
0.230 0.420
F
2.54
3.42
0.100 0.135
G
1.15
1.77
0.045 0.070
H
-
6.35
-
0.250
J
0.64
0.89
0.025 0.035
K
4.83
5.33
0.190 0.210
L
3.56
4.82
0.140 0.190
M
0.38
0.56
0.015 0.022
N
2.04
2.49
0.080 0.115
Q
0.64
1.39
0.025 0.055



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com