Electronic Components Datasheet Search
  English  ▼

X  

DSEI20 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSEI20
Description  Fast Recovery Epitaxial Diode (FRED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEI20 Datasheet(HTML) 1 Page - IXYS Corporation

  DSEI20 Datasheet HTML 1Page - IXYS Corporation DSEI20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RSM
V
RRM
Type
V
V
1200
1200
DSEI 20-12A
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
70
A
I
FAVM ÿÿ
x
T
C = 85°C; rectangular, d = 0.5
17
A
I
FRM
t
P < 10 ms; rep. rating, pulse width limited by TVJM
220
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
130
A
t = 8.3 ms (60 Hz), sine
140
A
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
110
A
t = 8.3 ms (60 Hz), sine
120
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
85
A2s
t = 8.3 ms (60 Hz), sine
80
A2s
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
60
A2s
t = 8.3 ms (60 Hz), sine
60
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
P
tot
T
C = 25°C78
W
M
d
Mounting torque
0.4...0.6
Nm
Weight
2g
Symbol
Test Conditions
Characteristic Values
typ.
max.
I
R
T
VJ = 25°CVR
= V
RRM
750
mA
T
VJ = 25°CVR
= 0.8 • V
RRM
250
mA
T
VJ = 125°CVR
= 0.8 • V
RRM
7mA
V
F
I
F = 12 A;
T
VJ = 150°C
1.87
V
T
VJ =25°C
2.15
V
V
T0
For power-loss calculations only
1.65
V
r
T
T
VJ = TVJM
18.2
m
W
R
thJC
1.6
K/W
R
thJA
60
K/W
t
rr
I
F = 1 A; -di/dt = 100 A/ms; VR = 30 V; TVJ = 25°C40
60
ns
I
RM
V
R = 540 V;
I
F = 20 A; -diF/dt = 100 A/ms7
A
L
£ 0.05 mH; T
VJ = 100°C
DSEI 20
I
FAVM
= 17 A
V
RRM =
1200 V
t
rr
= 40 ns
x I
FAVM rating includes reverse blocking losses at TVJM, VR = 0.8 VRRM, duty cycle d = 0.5
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
Features
q
International standard package
q
Glass passivated chips
q
Very short recovery time
q
Extremely low losses at high
switching frequencies
q
Low I
RM-values
q
Soft recovery behaviour
q
Epoxy meets UL 94V-0
Applications
q
Antiparallel diode for high frequency
switching devices
q
Anti saturation diode
q
Snubber diode
q
Free wheeling diode in converters
and motor control circuits
q
Rectifiers in switch mode power
supplies (SMPS)
q
Inductive heating and melting
q
Uninterruptible power supplies (UPS)
q
Ultrasonic cleaners and welders
Advantages
q
High reliability circuit operation
q
Low voltage peaks for reduced
protection circuits
q
Low noise switching
q
Low losses
q
Operating at lower temperature or
space saving by reduced cooling
Fast Recovery
Epitaxial Diode (FRED)
A
C
A = Anode, C = Cathode
TO-220 AC
C
C
A


Similar Part No. - DSEI20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEI20-12A IXYS-DSEI20-12A Datasheet
76Kb / 2P
Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
DSEI20-12A ISC-DSEI20-12A Datasheet
295Kb / 2P
Ultra fast Rectifier
More results

Similar Description - DSEI20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEI12 IXYS-DSEI12 Datasheet
77Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI60-12A IXYS-DSEI60-12A Datasheet
52Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-12 IXYS-DSEI2X61-12 Datasheet
136Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEI2X61-02 POWERSEM-PSEI2X61-02 Datasheet
126Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEI2X61-12 POWERSEM-PSEI2X61-12 Datasheet
142Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEK60-02 POWERSEM-PSEK60-02 Datasheet
97Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
PSEK6006 POWERSEM-PSEK6006 Datasheet
97Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
logo
IXYS Corporation
DSEI30-10AR IXYS-DSEI30-10AR Datasheet
89Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X30-06P IXYS-DSEI2X30-06P Datasheet
239Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com