Electronic Components Datasheet Search
  English  ▼

X  

EPA060 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EPA060
Description  High Efficiency Heterojunction Power FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EPA060 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EPA060 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPA060 Datasheet HTML 2Page - List of Unclassifed Manufacturers EPA060 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Excelics
EPA060B-70
DATA SHEET
High Efficiency Heterojunction Power FET
Features
•
NON-HERMETIC LOW COST CERAMIC 70mil PACKAGE
•
+26dBm TYPICAL OUTPUT POWER
•
9.0dB TYPICAL POWER GAIN AT 12 GHZ
•
0.4 dB TYPICAL NOISE FIGURE AT 2GHz
•
20 dB TYPICAL ASSOCIATED GAIN AT 2 GHz
•
0.3 X 600 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL HETEROJUNCTION PROFILE
PROVIDES EXTRA HIGH POWER EFFICIENCY,
AND HIGH RELIABILITY
Applications
•
High Dynamic Range LNA
•
DC to 18 GHz
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f=2GHz
Vds=6V, Ids=50% Idss
f=12GHz
24.0
26.0
25.5
dBm
G1dB
Gain at 1dB Compression
f=2GHz
Vds=6V, Ids=50% Idss
f=12GHz
17.0
7.0
19.0
9.0
dB
PAE
Power Added Efficiency at 1dB Compression
f=2GHz
Vds=6V, Ids=50% Idss
f=12GHz
55
45
%
IP3
+5dBm POUT/Tone (5V/50mA)
f=2GHz
(5V/90mA)
28
31
dBm
NF
Noise Figure (5V/50mA)
f=2GHz
(5V/90mA)
0.4
0.6
dB
GA
Associated Gain (5V/50mA)
f=2GHz
(5V/90mA)
20.0
20.0
dB
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
110
180
250
mA
Gm
Transconductance
Vds=3V, Vgs=0V
120
190
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=2.0mA
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage Igd=1.0mA
-10
-15
V
BVgs
Source Breakdown Voltage Igs=1.0mA
-6
-14
V
Rth
Thermal Resistance
175
*
oC/W
* Overall Rth depends on case mounting.
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
10V
6V
Vgs
Gate-Source Voltage
-6V
-3V
Ids
Drain Current
Idss
110mA
Igsf
Forward Gate Current
30mA
5mA
Pin
Input Power
23dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
780mW
650mW
Note: 1 Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
All Dimensions In mils.
6
6
'
*






Similar Part No. - EPA060

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA060-1000B PCA-EPA060-1000B Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
EPA060-1000B PCA-EPA060-1000B Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
EPA060-1000C PCA-EPA060-1000C Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
EPA060-1000C PCA-EPA060-1000C Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
EPA060-100A PCA-EPA060-100A Datasheet
39Kb / 1P
24 Pin DIP Passive Delay Lines
More results

Similar Description - EPA060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com