Electronic Components Datasheet Search
  English  ▼

X  

177920501 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920501
Description  Current capability up to 0.2A
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920501 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  177920501 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920501 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920501 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920501 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920501 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920501 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920501 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920501 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 177920501 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
WPMIx9200501S / 1779205x1
MagI3C Power Module
FISM
– Fixed Isolated SIP Module
we-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Data Sheet Rev. 1.0
©July 2016
2/22
MARKING DESCRIPTION
PACKAGE
Marking
Description
WE
Würth Elektronik Tradename
YY
Year
WW
Calendar week
1779205XX
Ordering Code
AA
Input voltage
B
Output voltage
C
Isolation voltage
3
2
1
4
PIN DESCRIPTION
SYMBOL
Number
TYPE
DESCRIPTION
- VIN
1
Power
VIN ground
+ VIN
2
Power
Input voltage
-VOUT
3
Power
VOUT ground
+VOUT
4
Power
Output voltage
ORDERING INFORMATION
ORDER CODE
PART DESCRIPTION
SPECIFICATIONS
PACKAGE
PACKAGING UNIT
177920501
WPMIC9200501S
3.3VIN / 5VOUT version
SIP-4
Tube with 42 pieces
177920511
WPMIB9200501S
5VIN / 5VOUT version
SIP-4
Tube with 42 pieces
177920521
WPMIA9200501S
12VIN / 5VOUT version
SIP-4
Tube with 42 pieces
177920531
WPMID9200501S
24VIN / 5VOUT version
SIP-4
Tube with 42 pieces
SALES INFORMATION
SALES CONTACTS
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 7942 945 0
www.we-online.com
powermodules@we-online.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com