Electronic Components Datasheet Search
  English  ▼

X  

BSP716N Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP716N
Description  OptiMOS??Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP716N Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSP716N Datasheet HTML 1Page - Infineon Technologies AG BSP716N Datasheet HTML 2Page - Infineon Technologies AG BSP716N Datasheet HTML 3Page - Infineon Technologies AG BSP716N Datasheet HTML 4Page - Infineon Technologies AG BSP716N Datasheet HTML 5Page - Infineon Technologies AG BSP716N Datasheet HTML 6Page - Infineon Technologies AG BSP716N Datasheet HTML 7Page - Infineon Technologies AG BSP716N Datasheet HTML 8Page - Infineon Technologies AG BSP716N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BSP716N
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=2.3 A; V GS=10 V
V GS(th)=f(T j); V DS=VGS; I D=218 µA
parameter: I D
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz; Tj=25°C
I F=f(V SD)
parameter: T j
typ
max
0
50
100
150
200
250
300
350
400
-60 -40 -20
0
20
40
60
80 100 120 140 160
T
j [°C]
0
0.5
1
1.5
2
2.5
-60 -40 -20
0
20
40
60
80 100 120 140 160
T
j [°C]
Ciss
Coss
Crss
100
101
102
103
0
10
20
30
40
50
60
70
80
90 100
V
DS [V]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10-2
10-1
100
101
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD [V]
typ
max
min
Rev 2.0
page 6
2013-04-04



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com