Electronic Components Datasheet Search
  English  ▼

X  

CAT24C01 Datasheet(PDF) 23 Page - ON Semiconductor

Part # CAT24C01
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C01 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button CAT24C01 Datasheet HTML 15Page - ON Semiconductor CAT24C01 Datasheet HTML 16Page - ON Semiconductor CAT24C01 Datasheet HTML 17Page - ON Semiconductor CAT24C01 Datasheet HTML 18Page - ON Semiconductor CAT24C01 Datasheet HTML 19Page - ON Semiconductor CAT24C01 Datasheet HTML 20Page - ON Semiconductor CAT24C01 Datasheet HTML 21Page - ON Semiconductor CAT24C01 Datasheet HTML 22Page - ON Semiconductor CAT24C01 Datasheet HTML 23Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16
www.onsemi.com
23
CAT24C16 Ordering Information
Device Order Number
Specific
Device Marking
Package
Type
Temperature
Range (Note 9)
Lead
Finish
Shipping
CAT24C16WI−G
24C16K
SOIC−8
Industrial
NiPdAu
Tube, 100 Units / Tube
CAT24C16WI−GT3
24C16K
SOIC−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16WE−GT3
24C16K
SOIC−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16YI−G
C16K
TSSOP−8
Industrial
NiPdAu
Tube, 100 Units / Tube
CAT24C16YI−GT3
C16K
TSSOP−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16YE−GT3
C16K
TSSOP−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16VP2I−GT3*
C4T
TDFN−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16VP2E−GT3*
C4T
TDFN−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16LI−G
24C16K
PDIP−8
Industrial
NiPdAu
Tube, 50 Units / Tube
CAT24C16LE−G
24C16K
PDIP−8
Extended
NiPdAu
Tube, 50 Units / Tube
CAT24C16ZI−GT3
C4
MSOP−8
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16ZE−GT3
C4
MSOP−8
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16C4UTR
6
WLCSP−4
Industrial
N/A
(Notes 12 and 13)
CAT24C16C4ATR
6
WLCSP−4
Industrial
N/A
Tape & Reel, 5,000 Units / Reel
CAT24C16C5ATR
6
WLCSP−5
Industrial
N/A
Tape & Reel, 5,000 Units / Reel
CAT24C16TDI−GT3
C4
TSOT−23−5
Industrial
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16TDE−GT3
C4
TSOT−23−5
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16HU4I−GT3
C4U
UDFN8−EP
Extended
NiPdAu
Tape & Reel, 3,000 Units / Reel
CAT24C16USI−T3
TBD
US8
Industrial
Matte−Tin
Tape & Reel, 3,000 Units / Reel
9. Industrial temperature range is −40
°C to +85°C and Extended temperature range is −40°C to +125°C.
10. Part numbers ending with “A” for the CAT24C02 are for Gresham (Product Rev H) only die.
11. The CAT24C02 ”non−A” Device Order Numbers use Gresham die (Rev H) for date codes, starting August 1st, 2012. Therefore the Specific
Device Marking for these OPNs reflect Rev H die.
12. Contact local sales office for availability.
13. CAUTION: The EEPROM devices delivered in WLCSP must never be exposed to ultraviolet light. When exposed to ultraviolet light the
EEPROM cells lose their stored data.
14. All packages are RoHS−compliant (Lead−free, Halogen−free).
15. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
16. For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device
Nomenclature document, TND310/D, available at www.onsemi.com
* The TDFN (VP2) package is not recommended for new designs.
** CAT24C08C4CTR is a backside coated version. Contact factory for other densities.
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
CAT24C01/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
◊



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com