Electronic Components Datasheet Search
  English  ▼

X  

MP6901 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # MP6901
Description  High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6901 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  MP6901 Datasheet HTML 1Page - Toshiba Semiconductor MP6901 Datasheet HTML 2Page - Toshiba Semiconductor MP6901 Datasheet HTML 3Page - Toshiba Semiconductor MP6901 Datasheet HTML 4Page - Toshiba Semiconductor MP6901 Datasheet HTML 5Page - Toshiba Semiconductor MP6901 Datasheet HTML 6Page - Toshiba Semiconductor MP6901 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MP6901
2002-11-20
6
Collector-emitter voltage VCE (V)
Safe Operating Area (NPN Tr)
Collector-emitter voltage VCE (V)
Safe Operating Area (PNP Tr)
Total power dissipation PT (W)
∆Tj – PT
Ambient temperature Ta (°C)
PT – Ta
rth – tw
Pulse width tw (s)
0.01
0.5
0.03
0.05
0.1
0.3
0.5
1
3
5
10
1
3
10
30
100
300
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC max (pulsed)*
10 ms
1 ms
100 µs
VCEO max
−0.01
−0.5
−0.03
−0.05
−0.1
−0.3
−0.5
−1
−3
−5
−10
−1
−3
−10
−30
−100
−300
1
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC max (pulsed)*
10 ms
1 ms
100 µs
VCEO max
0
0
2
4
6
8
10
Attached on a circuit board
(1) 1 device operation
(2) 3 devices operation
(3) 6 devices operation
40
80
120
(3)
(2)
(1)
Circuit board
(1) 1 device operation
(2) 3 devices operation
(3) 8 devices operation
Attached on a circuit board
0
0
40
80
120
160
200
2
4
6
(3)
(2)
(1)
Circuit board
0.001
0.01
0.1
1
10
100
1000
0.3
-No heat sink and attached on a circuit board-
(1) 1 device operation
(2) 3 devices operation
(3) 6 devices operation
Curves should be applied in thermal
limited area. (single nonrepetitive pulse)
Below figure show thermal resistance per
1 unit versus pulse width.
(3)
(2)
(1)
NPN
PNP
1
3
10
30
100
300
Circuit board



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com