Electronic Components Datasheet Search
  English  ▼

X  

K3053 Datasheet(PDF) 1 Page - NEC

Part # K3053
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3053 Datasheet(HTML) 1 Page - NEC

  K3053 Datasheet HTML 1Page - NEC K3053 Datasheet HTML 2Page - NEC K3053 Datasheet HTML 3Page - NEC K3053 Datasheet HTML 4Page - NEC K3053 Datasheet HTML 5Page - NEC K3053 Datasheet HTML 6Page - NEC K3053 Datasheet HTML 7Page - NEC K3053 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1999, 2000
MOS FIELD EFFECT TRANSISTOR
2SK3053
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No. D12912EJ3V0DS00 (3rd edition)
Date Published May 2001 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark
!
!
!
! shows major revised points.
DESCRIPTION
The 2SK3053 is N-Channel MOS Field Effect Transistor
designed for high current switching applications in consumer
instruments.
FEATURES
• Low On-State Resistance
RDS(on)1 = 45 m
Ω MAX. (VGS = 10 V, ID = 13 A)
RDS(on)2 = 70 m
Ω MAX. (VGS = 4.0 V, ID = 13 A)
• Low Ciss : Ciss = 790 pF TYP.
• Built-in Gate Protection Diode
• Isolated TO-220 package
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS(AC)
±20
V
Gate to Source Voltage
VGSS(DC)
+20,
−10
V
Drain Current (DC)
ID(DC)
±25
A
Drain Current (Pulse)
Note1
ID(pulse)
±75
A
Total Power Dissipation (TC = 25°C)
PT
30
W
Total Power Dissipation (TA = 25°C)
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
12.5
A
Single Avalanche Energy
Note2
EAS
15.6
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1 %
2. Starting Tch = 25 °C, VDD = 30 V
, RG = 25 Ω, VGS = 20 V
→ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3053
Isolated TO-220
(Isolated TO-220)
!


Similar Part No. - K3053

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K3050 ETC2-K3050 Datasheet
262Kb / 1P
Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
K3051 ETC2-K3051 Datasheet
262Kb / 1P
Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
logo
NEC
K3055 NEC-K3055 Datasheet
63Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Similar Description - K3053

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2511 NEC-2SK2511 Datasheet
116Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP80N055 NEC-NP80N055 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK1294 RENESAS-2SK1294 Datasheet
379Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com