Electronic Components Datasheet Search
  English  ▼

X  

AEC60_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AEC60_SERIES
Description  Switching Power Module for PCB Mountable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AEC60_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AEC60_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AEC60_SERIES Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_8
update : 2010.12.07
AC-DC Power Module
AEC60 SERIES
60 Watts
ELECTRICAL SPECIFICATIONS
Model No.
AEC60-5S
AEC60-9S
AEC60-12S
AEC60-15S
AEC60-24S
AEC60-48S
Max Output Wattage (W)
50W
60W
60W
60W
60W
60W
Voltage
85-265 VAC or 100-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
2 A max. (115 VAC) / 1 A max. (230 VAC)
Inrush Current (<2ms)
30 A max. (115 VAC) / 50 A max. (230 VAC)
Input
Leakage Current
0.5 mA max.
Voltage (V.DC.)
5V
9V
12V
15V
24V
48V
Voltage Accuracy
±2%
Current (mA) max
10,000
6,660
5,000
4,000
2,500
1,250
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
1%
Maximum Capacitive Load
80000 uF
28000 uF
14000 uF
12000 uF
4000 uF
950 uF
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency (at 230V)
82%
84%
86%
86%
86%
86%
Trim
±10%
Hold-up Time
10 ms min.
Output
Switching Frequency
100 kHz
Over Power Protection
Auto recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Auto recovery
Input-Output (V.AC)
4000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-50°C…+85°C
Temperature coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>130,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
4.3 x 2.3 x 1.18 Inches
( 109.0 x 58.5 x 30.0 mm ) Tolerance
±0.1 mm
Weight
310 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL60950
EMI
(Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Switching Power Module for PCB Mountable
Universal Input: 85-265 VAC
Single Output
5 VDC to 48 VDC Output
-40
OC Starting
4000 VAC Input to Output Isolation
CE, UL, Approval
2-Years Product Warranty
1.All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Similar Part No. - AEC60_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AEC60-12S ARCH-AEC60-12S Datasheet
153Kb / 2P
AC-DC Medical
AEC60-12S ARCH-AEC60-12S Datasheet
321Kb / 3P
AC-DC Power Module
AEC60-15S ARCH-AEC60-15S Datasheet
153Kb / 2P
AC-DC Medical
AEC60-15S ARCH-AEC60-15S Datasheet
321Kb / 3P
AC-DC Power Module
AEC60-24S ARCH-AEC60-24S Datasheet
153Kb / 2P
AC-DC Medical
More results

Similar Description - AEC60_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
Switching Power Module for PCB Mountable
AZC ARCH-AZC Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
Switching Power Module for PCB Mountable
APC-E1 ARCH-APC-E1_16 Datasheet
193Kb / 3P
Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
Switching Power Module for PCB Mountable
ALC_SERIES ARCH-ALC_SERIES Datasheet
204Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
Switching Power Module for PCB Mountable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com