Electronic Components Datasheet Search
  English  ▼

X  

MP7528JN Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7528JN
Description  CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7528JN Datasheet(HTML) 5 Page - Exar Corporation

  MP7528JN Datasheet HTML 1Page - Exar Corporation MP7528JN Datasheet HTML 2Page - Exar Corporation MP7528JN Datasheet HTML 3Page - Exar Corporation MP7528JN Datasheet HTML 4Page - Exar Corporation MP7528JN Datasheet HTML 5Page - Exar Corporation MP7528JN Datasheet HTML 6Page - Exar Corporation MP7528JN Datasheet HTML 7Page - Exar Corporation MP7528JN Datasheet HTML 8Page - Exar Corporation MP7528JN Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP7528
5
Rev. 2.00
ELECTRICAL CHARACTERISTICS (CONT’D)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
DIGITAL INPUTS3
Logical “1” Voltage
VIH
2.4
2.4
V
Logical “0” Voltage
VIL
0.8
0.8
V
Input Leakage Current
ILKG
+1+10
µA
Input Capacitance2
Data
CIN
10
10
pF
Control
CIN
15
15
pF
ANALOG OUTPUTS2
Output Capacitance
COUTA
120
120
pF
DAC Inputs all 1’s
COUTA
50
50
pF
DAC Inputs all 0’s
COUTB
120
120
pF
DAC Inputs all 1’s
COUTB
50
50
pF
DAC Inputs all 0’s
POWER SUPPLY5
Functional Voltage Range2
VDD
4.5
15.75
4.5
15.75
V
Supply Current
IDD
2
2
mA
All digital inputs = 0 V or all = 5 V
2
2
mA
All digital inputs = VIL or all = VIH
SWITCHING
CHARACTERISTICS4
Chip Select to Write Set-Up Time
tCS
200
230
ns
Chip Select to Write Hold Time
tCH
20
30
ns
DAC Select to Write Set-Up Time
tAS
200
230
ns
DAC Select to Write Hold Time
tAH
20
30
Data Valid to Write Set-Up Time
tDS
110
130
ns
Data Valid to Write Hold Time
tDH
00
ns
Write Pulse Width
tWR
180
200
ns
NOTES:
Specifications are subject to change without notice
1
Full Scale Range (FSR) is 10V for unipolar mode.
2
Guaranteed but not production tested.
3
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
4
See timing diagram.
5
Specified values guarantee functionality. Refer to other parameters for accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com