Electronic Components Datasheet Search
  English  ▼

X  

LE2464C Datasheet(PDF) 13 Page - ON Semiconductor

Part # LE2464C
Description  64 kb I2C CMOS Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE2464C Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LE2464C Datasheet HTML 8Page - ON Semiconductor LE2464C Datasheet HTML 9Page - ON Semiconductor LE2464C Datasheet HTML 10Page - ON Semiconductor LE2464C Datasheet HTML 11Page - ON Semiconductor LE2464C Datasheet HTML 12Page - ON Semiconductor LE2464C Datasheet HTML 13Page - ON Semiconductor LE2464C Datasheet HTML 14Page - ON Semiconductor LE2464C Datasheet HTML 15Page - ON Semiconductor LE2464C Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LE2464C
www.onsemi.com
13
Master
Device
EEPROM
SDA
CBUS
RPU
IL
IL
Application Notes
1) Software reset function
Software reset (start condition + 9 dummy clock cycles + start condition), shown in the figure below, is
executed in order to avoid erroneous operation after power-on and to reset while the command input
sequence. During the dummy clock input period, the SDA bus must be opened (set to high by a pull-up
resistor). Since it is possible for the ACK output and read data to be output from the EEPROM during
the dummy clock period, forcibly entering H will result in an overcurrent flow.
Note that this software reset function does not work during the internal write cycle.
2) Pull-up resistor of SDA pin
Due to the demands of the I
2C bus protocol function, the SDA pin must be connected to a pull-up resistor
(with a resistance from several k
 to several tens of k) without fail. The appropriate value must be
selected for this resistance (RPU) on the basis of the VIL and IIL of the microcontroller and other devices
controlling this product as well as the VOL – IOL characteristics of the product. Generally, when the
resistance is too high, the operating frequency will be restricted; conversely, when it is too low, the
operating current consumption will increase.
RPU maximum value
The maximum resistance must be set in such a
way that the bus potential, which is determined by
the sum total (IL) of the input leaks of the devices
connected to the SDA bus and by RPU, can
completely satisfy the input high level (VIH min) of
the microcontroller and EEPROM. However, a
resistance value that satisfies SDA rise time tR and
fall time tF must be set.
RPU maximum value = (VCC  VIH) / IL
Example : When VCC = 3.0 V and IL = 2 A
RPU maximum value = (3.0 V  3.0 V  0.8) / 2 A = 300 k
RPU minimum value
A resistance corresponding to the low-level output voltage (VOL max) of EEPROM must be set.
RPU minimum value = (VCC  VOL) / IOL
Example : When VCC = 3.0 V, VOL = 0.4 V and IOL = 1 mA
RPU minimum value = (3.0 V  0.4) / 1 mA = 2.6 k
Recommended RPU setting
RPU is set to strike a good balance between the operating frequency requirements and power
consumption. If it is assumed that the SDA load capacitance is 50 pF and the SDA output data strobe
time is 500 ns, RPU will be about RPU = 500 ns/50 pF = 10 k.
Start
Condition
Start
Condition
SCL
SDA
1
2
8
9
Dummy clock x 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com