Electronic Components Datasheet Search
  English  ▼

X  

HZK22L Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # HZK22L
Description  High peak reverse power dissipation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HZK22L Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  HZK22L Datasheet HTML 1Page - EIC discrete Semiconductors HZK22L Datasheet HTML 2Page - EIC discrete Semiconductors HZK22L Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25°C)
Test
Maximum Dymamic
Maximum
Current
Resistance
Reverse Current
IZT
rd
@
IZ
γz
Iz
min.
max.
(mA)
(
Ω)
(mA)
(
µA)
(V)
(mV/
oC)
(mA)
1
22.9
24.0
2
23.6
24.7
3
24.3
25.5
1
25.2
26.6
2
26.2
27.6
3
27.2
28.6
1
28.2
29.6
2
29.2
30.6
3
30.2
31.6
1
31.2
32.6
2
32.2
33.6
3
33.2
34.6
1
34.2
35.7
2
35.3
36.8
3
36.4
38.0
* Referent only
Note:
Type No. show as follows, HZK6A1L, HZK6A2L
⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ HZK36-3L
Page 3 of 3
Rev. 04 : August 9, 2005
HZK36L
HZK24L
HZK27L
HZK30L
HZK33L
30.0
18.0
1
1
1
20.0
23.0
26.0
33.0
22.0
24.0
27.0
30.0
0.5
0.5
0.5
250
0.5
150
0.5
0.5
1
0.5
1
0.5
0.5
300
200
120
0.5
Grade
Zener Voltage
Type
Vz (V)
IR
@
VR
Typical Temperature
Coefficient*
0.5
0.5
0.5
0.5
0.5
www.eicsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com