Electronic Components Datasheet Search
  English  ▼

X  

MOEH3 Datasheet(PDF) 2 Page - MMD Components

Part # MOEH3
Description  Oven Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MOEH3 Datasheet(HTML) 2 Page - MMD Components

  MOEH3 Datasheet HTML 1Page - MMD Components MOEH3 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
MOEH060611F
Revisions only with customer approval
Pg 2 of 2
Revision:
MOE
Frequency
Please Consult with MMD Sales Departm ent for any other Parameters or Options
*AT Cut Crystal cannot be used in all Tem perature/Stability options
Output
H = HCMOS
Z3 = Sinewave +3dBm
Crystal Cut
Blank = AT Cut*
S = SC Cut
Supply Voltage
3 = +3.30 VDC
5 = +5.00 VDC
12 = +12.00 VDC
Height
A = 18.64 [.734]
B = 13.46 [.530]
Frequency
Stability
002 = ±2 ppb
005 = ±5 ppb
010 = ±10 ppb
050 = ±50 ppb
XXX = 3 digits in ppb
Operating
Tem perature
A = 0°C to + 50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Value Added Options
Blank = No Added Options
S3 = Stratum 3
Symmetry
Blank = 40% /60%
A = 45% /55%
RoHS Com pliant
Blank = Not Compliant
F = is Com pliant
Z7 = Sinewave +7dBm
12.70 [.500]
25.40 [1.000]
4
5
1
3
Ø2.00 [Ø.079]
35.33 [1.391]
26.97 [1.062]
17.78 [.700]
2
15.24 [.600]
17.60 [.693]
8.80 [.346]
0.80 [.031]
6.35 [.250]
MIN
H DIM
0.51 [.020]
REFERENCE VOLTAGE
PIN 2
PIN 1
PIN CONNECTIONS
PIN 3
PIN 4
PIN 5
SUPPLY VOLTAGE
OUTPUT
FREQUENCY CONTROL
GROUND
13.46 [.530]
B
A
HEIGHT DIMENSION
18.64 [.734]
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
PIN NUMBERS ARE FOR REFERENCE ONLY
Part Number Guide
Mechanical Details
Marking Detail
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
MSL
Level 1 per IPC/JEDEC’S J-STD-20
Environmental/Mechanical Specification
Line 1 = MMD
Line 2 = MMD Part Number (per sales order)
Line 3 = Frequency Output (per sales order)
Line 4 = SYYWWL
S
= Internal Code
YY
=
YY = Year, 2 numerical digits that rep-
resents the last 2 digits of the year of
manufacture.
WW
=
WW = Week, 2 numerical digits that
represents the week of the year that
the OCXO was manufactured.
L
= Denotes RoHS Compliant
Pin 1 Designator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com