Electronic Components Datasheet Search
  English  ▼

X  

EP7312 Datasheet(PDF) 5 Page - Cirrus Logic

Part # EP7312
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312 Datasheet(HTML) 5 Page - Cirrus Logic

  EP7312 Datasheet HTML 1Page - Cirrus Logic EP7312 Datasheet HTML 2Page - Cirrus Logic EP7312 Datasheet HTML 3Page - Cirrus Logic EP7312 Datasheet HTML 4Page - Cirrus Logic EP7312 Datasheet HTML 5Page - Cirrus Logic EP7312 Datasheet HTML 6Page - Cirrus Logic EP7312 Datasheet HTML 7Page - Cirrus Logic EP7312 Datasheet HTML 8Page - Cirrus Logic EP7312 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
DS506PP1
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
5
EP7311
High-Performance, Low-Power System on Chip
CODEC Interface
The EP7311 includes an interface to telephony-type
CODECs for easy integration into voice-over-IP and
other voice communications systems. The CODEC
interface is multiplexed to the same pins as the MCP and
SSI2.
Note:
See Table R on page 8 for information on pin
multiplexes.
SSI2 Interface
An additional SPI/Microwire1-compatible interface is
available
for
both
master
and
slave
mode
communications. The SSI2 unit shares the same pins as
the MCP and CODEC interfaces through a multiplexer.
• Synchronous clock speeds of up to 512 kHz
• Separate 16 entry TX and RX half-word wide FIFOs
• Half empty/full interrupts for FIFOs
• Separate RX and TX frame sync signals for
asymmetric traffic
Note:
See Table R on page 8 for information on pin
multiplexes.
Synchronous Serial Interface
• ADC (SSI) Interface: Master mode only; SPI and
Microwire1-compatible (128 kbps operation)
• Selectable serial clock polarity
LCD Controller
A DMA address generator is provided that fetches video
display data for the LCD controller from memory. The
display frame buffer start address is programmable,
allowing theLCD framebuffer to be in SDRAM, internal
SRAM or external SRAM.
• Interfaces directly to a single-scan panel monochrome
STN LCD
• Interfaces to a single-scan panel color STN LCD with
minimal external glue logic
• Panel width size is programmable from 32 to 1024
pixels in 16-pixel increments
• Video frame buffer size programmable up to
128 KB
• Bits per pixel of 1, 2, or 4 bits
Pin Mnemonic
I/O
Pin Description
PCMCLK
O
Serial bit clock
PCMOUT
O
Serial data out
PCMIN
I
Serial data in
PCMSYNC
O
Frame sync
Table F. CODEC Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
SSICLK
I/O
Serial bit clock
SSITXDA
O
Serial data out
SSIRXDA
I
Serial data in
SSITXFR
I/O
Transmit frame sync
SSIRXFR
I/O
Receive frame sync
Table G. SSI2 Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
ADCLK
O
SSI1 ADC serial clock
ADCIN
I
SSI1 ADC serial input
ADCOUT
O
SSI1 ADC serial output
nADCCS
O
SSI1 ADC chip select
SMPCLK
O
SSI1 ADC sample clock
Table H. Serial Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
CL1
O
LCD line clock
CL2
O
LCD pixel clock out
DD[3:0]
O
LCD serial display data bus
FRM
O
LCD frame synchronization pulse
M
O
LCD AC bias drive
Table I. LCD Interface Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com