Electronic Components Datasheet Search
  English  ▼

X  

OPA691 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA691
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA691 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA691 Datasheet HTML 3Page - Texas Instruments OPA691 Datasheet HTML 4Page - Texas Instruments OPA691 Datasheet HTML 5Page - Texas Instruments OPA691 Datasheet HTML 6Page - Texas Instruments OPA691 Datasheet HTML 7Page - Texas Instruments OPA691 Datasheet HTML 8Page - Texas Instruments OPA691 Datasheet HTML 9Page - Texas Instruments OPA691 Datasheet HTML 10Page - Texas Instruments OPA691 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
OPA691
7
SBOS226A
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted (see Figure 1).
100
10
1
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
100
1k
10k
100k
1M
10M
Noninverting Input Current Noise (12pA/
√Hz)
Inverting Input Current Noise (15pA/
√Hz)
Voltage Noise (1.7nV/
√Hz)
–30
–40
–50
–60
–70
–80
–90
2-TONE, 3RD-ORDER
INTERMODULATION SPURIOUS
Single-Tone Load Power (dBm)
–8
–6
–4
–2
0
246
8
10
dBc = dB below carriers
50MHz
20MHz
10MHz
Load Power at Matched 50
Ω Load
9
6
3
0
–3
–6
–9
Frequency (25MHz/div)
0
250MHz
125MHz
FREQUENCY RESPONSE vs CAPACITIVE LOAD
OPA691
RS
VIN
VO
CL
1k
Ω
402
Ω
402
Ω
1k
Ω is optional.
C
L = 22pF
C
L = 10pF
C
L = 47pF
C
L = 100pF
120
100
80
60
40
20
0
OPEN-LOOP TRANSIMPEDANCE GAIN/PHASE
Frequency (Hz)
10k
100k
1M
10M
100M
1G
0
–40
–80
–120
–160
–200
–240
|Z
OL|
∠ Z
OL
65
60
55
50
45
40
35
30
25
20
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
+PSRR
CMRR
–PSRR
70
60
50
40
30
20
10
0
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
110
100
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com