Electronic Components Datasheet Search
  English  ▼

X  

WS9252 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WS9252
Description  High Precision PSR Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9252 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  WS9252 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9252 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9252 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9252 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9252 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9252 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9252 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9252 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
7/8
WS9252ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Package Information
SOT23-5 Package Outline Dimensions
Winsemi
Symbol
Dimensions in Millimeters
Min
Max
A
-
1.45
A1
0
0.15
A2
0.90
1.30
A3
0.60
0.70
b
0.39
0.49
b1
0.35
0.45
c
0.08
0.22
c1
0.08
0.20
D
2.80
3.00
E
2.60
3.00
E1
1.50
1.70
e
0.85
1.05
e1
1.80
2.00
L
0.35
0.60
L1
0.60REF
L2
0.25BSC
R
0.10
-
R1
0.10
0.25
θ
0°
8°
θ
1
7°
11°
θ
2
8°
12°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com