Electronic Components Datasheet Search
  English  ▼

X  

OPA2690 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2690 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2690 Datasheet HTML 1Page - Texas Instruments OPA2690 Datasheet HTML 2Page - Texas Instruments OPA2690 Datasheet HTML 3Page - Texas Instruments OPA2690 Datasheet HTML 4Page - Texas Instruments OPA2690 Datasheet HTML 5Page - Texas Instruments OPA2690 Datasheet HTML 6Page - Texas Instruments OPA2690 Datasheet HTML 7Page - Texas Instruments OPA2690 Datasheet HTML 8Page - Texas Instruments OPA2690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
OPA691
3
SBOS226A
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25
°C.
RF = 402Ω, RL = 100Ω, and G = +2, (see Figure 1 for AC performance only), unless otherwise noted.
OPA691ID, IDBV
TYP
MIN/MAX OVER-TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
AC PERFORMANCE (see Figure 1)
Small-Signal Bandwidth (VO = 0.5Vp-p)
G = +1, RF = 453Ω
280
MHz
typ
C
G = +2, RF = 402Ω
225
200
190
180
MHz
min
B
G = +5, RF = 261Ω
210
MHz
typ
C
G = +10, RF = 180Ω
200
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO = 0.5Vp-p
90
40
35
20
MHz
min
B
Peaking at a Gain of +1
RF = 453, VO = 0.5Vp-p
0.2
1
1.5
2
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 5Vp-p
200
MHz
typ
C
Slew Rate
G = +2, 4V Step
2100
1400
1375
1350
V/
µsmin
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
1.6
ns
typ
C
G = +2, 5V Step
1.9
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
12
ns
typ
C
0.1%
G = +2, VO = 2V Step
8
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2Vp-p
2nd-Harmonic
RL = 100Ω
–70
–63
–60
–58
dBc
max
B
RL ≥ 500Ω
–79
–70
–67
–65
dBc
max
B
3rd-Harmonic
RL = 100Ω
–74
–72
–70
–68
dBc
max
B
RL ≥ 500Ω
–93
–87
–82
–78
dBc
max
B
Input Voltage Noise
f > 1MHz
1.7
2.5
2.9
3.1
nV/
√HZ
max
B
Noninverting Input Current Noise
f > 1MHz
12
14
15
15
pA/
√HZ
max
B
Inverting Input Current Noise
f > 1MHz
15
17
18
19
pA/
√HZ
max
B
Differential Gain
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.07
%
typ
C
RL = 37.5Ω
0.17
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.02
deg
typ
C
RL = 37.5Ω
0.07
deg
typ
C
DC PERFORMANCE(4)
Open-Loop Transimpedance Gain (ZOL)
VO = 0V, RL = 100Ω
225
125
110
100
k
Ω
min
A
Input Offset Voltage
VCM = 0V
±0.5
±2.5
±3.2
±3.9
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±12
±20
µV/°Cmax
B
Noninverting Input Bias Current
VCM = 0V
+15
+35
+43
+45
µAmax
A
Average Noninverting Input Bias Current Drift
VCM = 0V
–300
–300
nA/
°Cmax
B
Inverting Input Bias Current
VCM = 0V
±5
±25
±30
±40
µAmax
A
Average Inverting Input Bias Current Drift
VCM = 0V
±90
±200
nA
°/C
max
B
INPUT
Common-Mode Input Range(5)
±3.5
±3.4
±3.3
±3.2
V
min
A
Common-Mode Rejection
VCM = 0V
56
52
51
50
dB
min
A
Noninverting Input Impedance
100 || 2
k
Ω || pF
typ
C
Inverting Input Resistance (RI)
Open-Loop
35
Ω
typ
C
OUTPUT
Voltage Output Swing
No Load
±4.0
±3.8
±3.7
±3.6
V
min
A
100
Ω Load
±3.9
±3.7
±3.6
±3.3
V
min
A
Current Output, Sourcing
VO = 0
+190
+160
+140
+100
mA
min
A
Current Output, Sinking
VO = 0
–190
–160
–140
–100
mA
min
A
Short-Circuit Current
VO = 0
±250
mA
typ
C
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.03
Ω
typ
C
DISABLE (Disabled LOW)
Power-Down Supply Current (+VS)VDIS = 0
–150
–300
–350
–400
µAmax
A
Disable Time
VIN = 1V
400
ns
typ
C
Enable Time
VIN = 1V
25
ns
typ
C
Off Isolation
G = +2, 5MHz
70
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn On Glitch
G = +2, RL = 150Ω, VIN = 0
±50
mV
typ
C
Turn Off Glitch
G = +2, RL = 150Ω, VIN = 0
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (DIS)
VDIS = 0
75
130
150
160
µAmax
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6
±6
±6V
max
A
Max Quiescent Current
VS = ±5V
5.1
5.3
5.5
5.7
mA
max
A
Min Quiescent Current
VS = ±5V
5.1
4.9
4.7
4.5
mA
min
A
Power-Supply Rejection Ratio (–PSRR)
Input Referred
58
52
50
49
dB
min
A
TEMPERATURE RANGE
Specification: D, DBV
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
DSO-8
125
°C/W
typ
C
DBV
SOT23-6
150
°C/W
typ
C
NOTES: (1) Junction temperature = ambient for 25
°C specifications. (2) Junction temperature = ambient at low temperature limit: junction temperature = ambient +10°C
at high temperature limit for over-temperature specifications. (3) Test levels: (A) 100% tested at 25
°C. Over-temperature limits by characterization and simulation.
(B) Limits set by characterization and simulation. (C) Typical value only for information. (4) Current is considered positive out-of-node. VCM is the input common-mode
voltage. (5) Tested < 3dB below minimum specified CMRR at
± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com