Electronic Components Datasheet Search
  English  ▼

X  

WS9441 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS9441
Description  Non-isolated BuckOffline LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9441 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS9441 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS9441 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
6/9
WS9441 Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Inductor Selection
The WS9441 works in a inductor critical current
conduction mode. When the power MOFET is switched on,
the current in the inductor rises up from zero. The on time of
the MOSFET can be calculated by the equation:
LED
IN
PK
on
V
V
I
L
t
Where,
L is the inductance value,
IPK is the peak current of the inductor,
VIN is the DC bus voltage after the rectifier bridge,
VLED is the voltage on the LED.
After the power MOSFET is also switched off and the
current in the inductor decreases. When the inductor current
reaches zero, the power MOSFET is turned on again by IC
internal logic. The off time of the MOSFET is given by the
equation:
LED
PK
off
V
I
L
t
The inductance can be calculated by the equati
on:
IN
PK
LED
IN
LED
V
I
f
V
V
V
L
)
(
Where, f is the maximum system switching frequency,
which is proportional to the input voltage. So the minimum
switching frequency is set at lowest input voltage, and the
maximum switching frequency is set at highest input voltage.
The minimum and maximum off time of WS9441 is set at
4.5us and 310us, respectively. Referring to the equation of
Toff calculation, if the inductance is too small, the Toff may be
smaller than the minimum off time, the system will operate in
discontinuous conduction mode and the output current will
be smaller than the designed value. If the inductance is too
large, the Toff may be larger than the maximum off time, the
system will operate in continuous conduction mode and the
output current will be higher than the designed value. So it is
important to choose a proper inductance.
Thermal Regulation
The WS9441 integrates thermal regulation function.
When the system is under higher temperature, the output
current is gradually reduced; the output power and thermal
dissipation are also reduced. The system temperature is
regulated and the system reliability is improved. The thermal
regulation temperature is set to 150℃ internally.
Over Voltage Protection
The over voltage protection of the WS9441 can be
programmed by the ROVP pin resistor. The ROVP pin voltage
is 0.5V.
When the LED is open circuit, the period of the output
voltage increases gradually, the demagnetization time gets
shorter. The demagnetization time at OVP---- Tovp can be
calculated by the open circuit protection voltage by the
equation:
OVP
CS
CS
V
R
V
L
Tovp
Where,
Vcs is the CS pin turn off threshold (0.4V);
Vovp is the open circuit protection voltage.
And then the Rovp resistor value can be calculated by the
equation:
6
10
*
*
67
.
7
120
Tovp
Rovp
(
KΩ)
It is suggested that the open circuit protection voltage is
set at or above 1.5 times maximum load voltage.
Protection Function
The WS9441 offers rich protection functions to improve
the system reliability, including LED open/short protection, CS
resistor short protection, VCC under voltage protection,
thermal regulation. When the LED is open circuit, the system
will trigger the over voltage protection and stop switching.
When the LED short circuit is detected, the system works at
low frequency and the CS pin turnoff threshold is reduced. So
the system power consumption is very low. At some abnormal
fault condition, such as CS resistor shorted or inductor
saturation, the internal fast fault detection circuit will be
triggered, the system stops switching immediately.
After the system enters into faulty condition, the VCC
voltage will decrease until it reaches the UVLO threshold, then



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com