Electronic Components Datasheet Search
  English  ▼

X  

OPA681 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA681
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA681 Datasheet(HTML) 2 Page - Texas Instruments

  OPA681 Datasheet HTML 1Page - Texas Instruments OPA681 Datasheet HTML 2Page - Texas Instruments OPA681 Datasheet HTML 3Page - Texas Instruments OPA681 Datasheet HTML 4Page - Texas Instruments OPA681 Datasheet HTML 5Page - Texas Instruments OPA681 Datasheet HTML 6Page - Texas Instruments OPA681 Datasheet HTML 7Page - Texas Instruments OPA681 Datasheet HTML 8Page - Texas Instruments OPA681 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPA691
2
SBOS226A
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA691ID
SO-8
D
–40
°C to +85°C
OPA691
OPA691ID
Rails, 100
""
"
"
"
OPA691IDR
Tape and Reel, 2500
OPA691IDBV
SOT23-6
DBV
–40
°C to +85°C
OAFI
OPA691IDBVT
Tape and Reel, 250
""
"
"
"
OPA691IDBVR
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ..............................................................................
±6.5VDC
Internal Power Dissipation(2) ............................ See Thermal Information
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: ID, IDBV ......................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +175°C
ESD Performance:
HBM .............................................................................................. 2000V
CDM .............................................................................................. 1500V
NOTES:: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Packages must be derated based on specified
θ
JA.
Maximum TJ must be observed.
PIN CONFIGURATION
Top View
SO
Top View
SOT
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
1
2
3
4
8
7
6
5
NC
Inverting Input
Noninverting Input
–V
S
DIS
+V
S
Output
NC
NC = No Connection
1
2
3
6
5
4
Output
–V
S
Noninverting Input
+V
S
DIS
Inverting Input
12
3
65
4
OAFI
Pin Orientation/Package Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com