Electronic Components Datasheet Search
  English  ▼

X  

WS9841 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WS9841
Description  High Efficiency TRIAC dimmable LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9841 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WS9841 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/8
WS9841 Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Ordering Information
Package
Marking
Part Number
8-Pin SOP-8, Pb-free
WS9841S8P
WS9841S8P
Absolute Maximum Ratings
Symbol
Parameter
Limit
Unit
ICC_MAX
VCC pin maximum sink current
10
mA
DRAIN
Internal HV MOSFET drain voltage
-0.3~300
V
CS
Current sense pin input voltage
-0.3~6
V
FB
Over voltage protection detecting pin voltage
-0.3~6
V
VLN
Line voltage detecting pin voltage
-0.3~6
V
PDMAX
Power dissipation (note 2)
0.45
W
θJA
Thermal resistance (Junction to Ambient)
145
℃
/W
TJ
Operating junction temperature
-40 to 150
℃
TSTG
Storage temperature range
-55 to 150
℃
ESD (note 3)
2
KV
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. Under
“
recommended operating conditions” the device operation is assured, but some particular parameter may not be achieved.
The electrical characteristics table defines the operation range of the device, the electrical characteristics is assured on DC and
AC voltage by test program. For the parameters without minimum and maximum value in the EC table, the typical value defines
the operation range, the accuracy is not guaranteed by spec.
Note 2: The maximum power dissipation decrease if temperature rise, it is decided by TJMAX, θ JA, and environment
temperature (TA). The maximum power dissipation is the lower one between PDMAX = (TJMAX - TA)/ θJA and the number
listed in the maximum table.
Note 3: Human Body mode, 100pF capacitor discharge on 1.5KΩ resistor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com