Electronic Components Datasheet Search
  English  ▼

X  

ALC_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ALC_SERIES
Description  Switching Power Module for PCB Mountable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALC_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ALC_SERIES Datasheet HTML 1Page - Arch Electronics Corp. ALC_SERIES Datasheet HTML 2Page - Arch Electronics Corp. ALC_SERIES Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_8
update : 2011.01.04
AC-DC Power Module
ALC SERIES
8 Watts
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
ALC-3.3S
ALC-5S
ALC-8S
ALC-9S
ALC-12S
ALC-14S
ALC-15S
ALC-24S
Max Output Wattage (W)
6.6W
8W
8W
8W
8W
8W
8W
8W
Voltage
90-305 VAC or 120-430 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
190 mA max. (115 VAC) / 120 mA max. (230 VAC)
Inrush Current (<500us)
25 A max. (115 VAC) / 45 A max. (230 VAC)
Leakage Current
0.25 mA max.
Input
External Fuse (recommend)
2 A slow blow type
Voltage (V.DC.)
3.3V
5V
8V
9V
12V
14V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
2000
1600
1000
888
666
571
533
335
Line Regulation (LL-HL) (typ.)
±0.2%
Load Regulation (0-100%) (typ.)
±3%.
±2%.
±0.5%.
Minimum Load
0%
Maximum Capacitive Load
17000uF
22000uF
6000uF
6000uF
3200uF
1880uF
1880uF
1760uF
Ripple
3.3S~15S : <100mV max (Vp-p)
24S : <150mV max (Vp-p)
Noise
3.3S~15S : <150mV max (Vp-p)
24S : <200mV max (Vp-p)
Efficiency
69%
75%
78%
79%
79%
80%
80%
81%
Hold-up Time
10 ms min.
Output
Switching Frequency
132±8 KHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-40°C…+70°C ( with derating )
Storage Temperature
-40°C…+125°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>350,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.44 x 1.06 x 1.04 Inches
(36.5 x 27.0 x26.4 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
45 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL, cUL
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
1. All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-305VAC, 47-440 Hz
Single and Dual Output
Low Ripple and Noise
Isolation Class II
Maximum No-Load Watts < 0.3W
CE , UL Approval
2-Years Product Warranty


Similar Part No. - ALC_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALC-12S ARCH-ALC-12S Datasheet
262Kb / 3P
A C -D C Power Module
ALC-14S ARCH-ALC-14S Datasheet
262Kb / 3P
A C -D C Power Module
ALC-15S ARCH-ALC-15S Datasheet
262Kb / 3P
A C -D C Power Module
ALC-24S ARCH-ALC-24S Datasheet
262Kb / 3P
A C -D C Power Module
ALC-3.3S ARCH-ALC-3.3S Datasheet
262Kb / 3P
A C -D C Power Module
More results

Similar Description - ALC_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
Switching Power Module for PCB Mountable
AZC ARCH-AZC Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
Switching Power Module for PCB Mountable
APC-E1 ARCH-APC-E1_16 Datasheet
193Kb / 3P
Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
Switching Power Module for PCB Mountable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com