Electronic Components Datasheet Search
  English  ▼

X  

ALF100_SERIES Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ALF100_SERIES
Description  Bulit-in Active PFC Function, PF>0.95
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF100_SERIES Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ALF100_SERIES Datasheet HTML 1Page - Arch Electronics Corp. ALF100_SERIES Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_0
update : 2010.09.24
LED Power
ALF100 SERIES
100 Watts
Model No.
ALF100-12S
ALF100-24S
ALF100-36S
ALF100-48S
Dimension (L x W x H)
8.35 x 2.76 x 1.50 Inches
(212.2 x 70.0 x 38.0 mm ) Tolerance
±0.5 mm
Weight
1010 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
Design refer to UL60950-1 , CE , Class I
EMI
(Conducted & Radiated Emission)
Design refer to EN 61000-6-3、EN 55015
EMC
EMS (Noise Immunity)
Design refer to EN 55024 (Surge 4KV)
MECHANICAL DIMENSION
( Top View )
DERATING
BLOCK DIAGRAM
1. All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com