Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA692
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA692 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA692 Datasheet HTML 15Page - Texas Instruments OPA692 Datasheet HTML 16Page - Texas Instruments OPA692 Datasheet HTML 17Page - Texas Instruments OPA692 Datasheet HTML 18Page - Texas Instruments OPA692 Datasheet HTML 19Page - Texas Instruments OPA692 Datasheet HTML 20Page - Texas Instruments OPA692 Datasheet HTML 21Page - Texas Instruments OPA692 Datasheet HTML 22Page - Texas Instruments OPA692 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
OPA691
19
SBOS226A
www.ti.com
input voltage at the inputs of the OPA237 (this is a low-cost,
precision voltage feedback op amp with 1.5MHz gain band-
width product). If these two don’t agree (due to DC offsets
introduced by the OPA691), the OPA237 sums in a correc-
tion current through the 2.86k
Ω inverting summing path.
Several design considerations will allow this circuit to be
optimized. First, the feedback to the OPA237’s noninverting
input must be precisely matched to the high-speed signal
gain. Making the 2k
Ω resistor to ground an adjustable resis-
tor would allow the low and high frequency gains to
be precisely matched. Secondly, the crossover frequency
region where the OPA237 passes control to the OPA691
must occur with exceptional phase linearity. These two
issues reduce to designing for pole/zero cancellation in the
overall transfer function. Using the 2.86k
Ω resistor will nomi-
nally satisfy this requirement for the circuit in Figure 11.
Perfect cancellation over process and temperature is not
possible. This initial resistor setting and precise gain match-
ing, however, will minimize long-term pulse settling tails.
When disabled, the output and input nodes go to a high
impedance state. If the OPA691 is operating in a gain of +1,
this will show a very high impedance (4pF || 1M
Ω) at the
output and exceptional signal isolation. If operating at a
gain greater than +1, the total feedback network resistance
(RF + RG) will appear as the impedance looking back into the
output, but the circuit will still show very high forward and
reverse isolation. If configured as an inverting amplifier, the
input and output will be connected through the feedback
network resistance (RF + RG) giving relatively poor input-to-
output isolation.
One key parameter in disable operation is the output glitch
when switching in and out of the disabled mode. Figure 13
shows these glitches for the circuit of Figure 1 with the input
signal set to 0V. The glitch waveform at the output pin is
plotted along with the DIS pin voltage.
The transition edge rate (dV/dT) of the DIS control line will
influence this glitch. For the plot of Figure 12, the edge rate
was reduced until no further reduction in glitch amplitude was
observed. This approximately 1V/ns maximum slew rate may
be achieved by adding a simple RC filter into the V
DIS pin
from a higher speed logic line. If extremely fast transition
logic is used, a 2k
Ω series resistor between the logic gate
and the DIS input pin will provide adequate bandlimiting
using just the parasitic input capacitance on the DIS pin
while still ensuring an adequate logic level swing.
FIGURE 11. Wideband, DC Connected Composite Circuit.
FIGURE 12. Simplified Disable Control Circuit.
DISABLE OPERATION
The OPA691 provides an optional disable feature that may
be used to reduce system power. If the DIS control pin is left
unconnected, the OPA691 will operate normally. To disable,
the control pin must be asserted LOW. Figure 12 shows a
simplified internal circuit for the disable control feature.
In normal operation, base current to Q1 is provided through
the 110k
Ω resistor while the emitter current through the 15kΩ
resistor sets up a voltage drop that is inadequate to turn on
the two diodes in Q1’s emitter. As V
DIS is pulled LOW,
additional current is pulled through the 15k
Ω resistor eventu-
ally turning on these two diodes (
≈ 75µA). At this point, any
further current pulled out of V
DIS goes through those diodes
holding the emitter-base voltage of Q1 at approximately 0V.
This shuts off the collector current out of Q1, turning the
amplifier off. The supply current in the disable mode are only
those required to operate the circuit of Figure 12. Additional
circuitry ensures that turn-on time occurs faster than turn-off
time (make-before-break).
OPA691
180
Ω
2.86k
Ω
20
Ω
DIS
+5V
–5V
V
O
Power supply
de-coupling not shown
OPA237
–5V
+5V
V
I
18k
Ω
2k
Ω
1.8k
Ω
FIGURE 13. Disable/Enable Glitch.
25k
Ω
110k
Ω
15k
Ω
I
S
Control
–V
S
+V
S
V
DIS
Q1
30
20
10
0
–10
–20
–30
Time (20ns/div)
6.0
4.0
2.0
0
V
DIS
Output Voltage
(0V Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com