Electronic Components Datasheet Search
  English  ▼

X  

WS9931 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WS9931
Description  LED Ripple Current Elimination Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9931 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WS9931 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9931 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9931 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9931 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9931 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9931 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/6
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WS9931 Product Description
Ordering Information
Package
Marking
Part Number
8-Pin ESOP8,Pb-free
WS9931EP
WS9931EP
Suggestion operating range:
Symbol
parameter
value
unit
TA
Operating temperature
-50-135
℃
Absolute Maximum Ratings
Parameter
Range
unit
VIN
-0.3~6
V
LEDN
-0.3~60
V
Junction Temperature
-40~150
℃
Lead Temperature(Soldering, 10 sec.)
260
℃
Storage Temperature
-55~150
℃
Note : Stresses above those listed Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, functional operation of the device should not over these or any of these absolute maximum ratings. Operating above
the absolute maximum-rated conditions may affect device reliability.
Electrical Characteristics
VIN=5V and T=25℃, unless otherwise stated.
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Supply Voltage Section
VIN
VIN clamp voltage
4.8
5
5.2
V
IOP
VIN operation current
400
500
600
uA
VOVP-VO_MIN
The maximum voltage drop
between OVP voltage and
minimum load voltage
50
60
V
Io
Adaptive output current
100
240
300
mA
Thermal Section
TTC
Thermal Regulation
Temperature
120
℃
TSD
Thermal Shutdown
Temperature
135
℃
THYS
Thermal Hysteresis
Temperature
18
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com