Electronic Components Datasheet Search
  English  ▼

X  

WS9931EP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS9931EP
Description  LED Ripple Current Elimination Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9931EP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS9931EP Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9931EP Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9931EP Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9931EP Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9931EP Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9931EP Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/6
WS9931 Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Application Information
The WS9931 is an adaptive linear current regulator to
eliminate LED low frequency ripple current. It adopts adaptive
control method and integrates MOS and current sense resistor
to eliminate ripple current without additional electrical design.
The maximum output current of the WS9931 can be up to
300mA, and the value of
VOVP-VO_MIN should be less than 60V.
Theory of Current Ripple Removing
The WS9931 acquires the sense voltage signal through
sampling the output currents signal of the load, and makes the
signals filter. Then it magnifies the error between sense voltage
signals and filter voltage signals, and outputs the signal of error
compensation to regulate output current signals. The WS9931
drives MOSFET to transfer the LED ripple current to voltage
ripple on MOSFET, and ensures the constant voltage across
LED string and the current flow through LED string, thus
eliminating ripple current.
Start Up
The WS9931 integrates soft-start function and is supplied
by the preceding stage system. When
VVIN rises up over 5V, the
WS9931 starts to work. At first, it has 350ms blanking time
without current filter function to build up stable reference
internally. Then the LED ripple current is decreased by WS9931
gradually.
The typical value of the startup current is 500uA, and
the start-up resistor can be calculated by the equation:
uA
V
V
I
V
V
R
O
TYP
VIN
MAX
IN
O
ST
500
2
.
5
_
_
Where,
Vo is the load voltage in practical application;
VIN_MAX is the maximum clamp voltage, about 5.2V;
IVIN_TYP is the operating current, about 500uA.
Over Thermal Protection
The WS9931 has temperature regulator control. When
the temperature goes to 120 ℃ , the temperature
compensation is turned on to increase LED current ripple
and reduce the maximum voltage of LEDN. When the
temperature goes to 135 ℃ , over temperature protection
starts, and the MOSFET will be in On-State all the time
without suppresses function.
PCB Layouts
The following advices should be followed in WS9931
PCB layout:
IC Layout : The IC should be away from heating
devices, such as driver MOSFET, freewheeling diodes,
inductor and so on.
LEDN Pin:To increase the copper area of LEDN pin or
to connect to other NC pins for better thermal dissipation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com