Electronic Components Datasheet Search
  English  ▼

X  

APC_SERIES Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # APC_SERIES
Description  Switching Power Module for PCB Mountable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

APC_SERIES Datasheet(HTML) 2 Page - Arch Electronics Corp.

  APC_SERIES Datasheet HTML 1Page - Arch Electronics Corp. APC_SERIES Datasheet HTML 2Page - Arch Electronics Corp. APC_SERIES Datasheet HTML 3Page - Arch Electronics Corp. APC_SERIES Datasheet HTML 4Page - Arch Electronics Corp. APC_SERIES Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VER : B_5
update : 2010.07.09
AC-DC Power Module
APC SERIES
5 Watts
ELECTRICAL SPECIFICATIONS
Model No.
( Dual Output )
APC-5D
APC-12D
APC-15D
Max Output Wattage (W)
5W
5W
5W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
120 mA max. (115 VAC) / 70 mA max. (230 VAC)
Inrush Current (<2ms)
10 A max. (115 VAC) / 20 A max. (230 VAC)
Leakage Current
0.75 mA max.
Input
External Fuse (recommend)
1.5 A slow blow type
Voltage (V.DC.)
±5V
±12V
±15V
Voltage Accuracy
±2%
Current (mA) max
±500
±200
±160
Line Regulation (LL-HL) (typ.)
±0.3%
Load Regulation (5-100%) (typ.)
±0.5%.
Minimum Load
0%
0%
3%
Maximum Capacitive Load
±9500 uF
±1400 uF
±950 uF
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
72%
74%
74%
Hold-up Time
15 ms min.
Output
Switching Frequency
100 kHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Input-Output (V.AC)
3000V
Input-FG (V.AC)
1500V
Isolation
Output-FG (V.AC)
500V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>300,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.17 x 1.77 x 0.81 Inches
( 55.0 x 45.0 x 20.5 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
80 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL, CE, TUV
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 50082-1
1.All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com