Electronic Components Datasheet Search
  English  ▼

X  

CE3524K3 Datasheet(PDF) 2 Page - California Eastern Labs

Part # CE3524K3
Description  24GHz Super Low Noise FET in Hollow Plastic PKG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CE3524K3 Datasheet(HTML) 2 Page - California Eastern Labs

  CE3524K3 Datasheet HTML 1Page - California Eastern Labs CE3524K3 Datasheet HTML 2Page - California Eastern Labs CE3524K3 Datasheet HTML 3Page - California Eastern Labs CE3524K3 Datasheet HTML 4Page - California Eastern Labs CE3524K3 Datasheet HTML 5Page - California Eastern Labs CE3524K3 Datasheet HTML 6Page - California Eastern Labs CE3524K3 Datasheet HTML 7Page - California Eastern Labs CE3524K3 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CE3524K3
This document is subject to change without notice.
2
PRELIMINARY DATASHEET
PIN CONFIGURATION AND
INTERNAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(TA
= +25˚C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain to Source Voltage
VDS
4.0
V
Gate to Source Voltage
VGS
-3.0
V
Drain Current
ID
IDSS
mA
Gate Current
IG
80
µA
Total Power Dissipation
Ptot
125
mW
Channel Temperature
Tch
+150
°C
Storage Temperature
Tstg
-55 to +125
°C
Operation Temperature
Top
-55 to +125
Note
°C
Note Refer to Total Power Dissipation vs. Ambient Temperature graph on page 4
RECOMMENDED OPERATING RANGE
(TA =
+25˚C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
TBD
+2
TBD
V
Drain Current
ID
TBD
10
TBD
mA
Pin No.
Pin Name
1
Source
2
Drain
3
Source
4
Gate



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com