Electronic Components Datasheet Search
  English  ▼

X  

TCM811 Datasheet(PDF) 11 Page - Microchip Technology

Part # TCM811
Description  4-Pin Microcontroller Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TCM811 Datasheet HTML 6Page - Microchip Technology TCM811 Datasheet HTML 7Page - Microchip Technology TCM811 Datasheet HTML 8Page - Microchip Technology TCM811 Datasheet HTML 9Page - Microchip Technology TCM811 Datasheet HTML 10Page - Microchip Technology TCM811 Datasheet HTML 11Page - Microchip Technology TCM811 Datasheet HTML 12Page - Microchip Technology TCM811 Datasheet HTML 13Page - Microchip Technology TCM811 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
 2002 Microchip Technology Inc.
DS21615B-page11
TCM811/TCM812
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
X
Temperature
V
DD
Reset
Device
Device:
TCM811: Supervisor Circuit with active-low RESET output
TCM812: Supervisor Circuit with active-high RESET output
V
DD Reset Threshold: L
= 4.63V
M
= 4.38V
T
= 3.08V
S
= 2.93V
R
= 2.63V
F
= 1.75V
Temperature Range:
E
= -40°C to +85°C
Package:
RCTR = SOT-143, 4-pin (Tape and Reel)
Examples:
a)
TCM811LERCTR: SOT-143, Microcontroller
4.63V Reset Monitor, -40°C to +85°C, Tape and
Reel.
b)
TCM811MERCTR: SOT-143, Microcontroller
4.38V Reset Monitor, -40°C to +85°C, Tape and
Reel.
a)
TCM812FERCTR: SOT-143, Microcontroller
1.75V Reset Monitor, -40
°C to +85°C, Tape
and Reel.
b)
TCM812SERCTR: SOT-143, Microcontroller
2.93V Reset Monitor, -40°C to +125°C, Tape
and Reel.
Range
Threshold
XXXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com