Electronic Components Datasheet Search
  English  ▼

X  

THAT2151 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # THAT2151
Description  IC Voltage-Controlled Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT2151 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  THAT2151 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT2151 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT2151 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT2151 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT2151 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT2151 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT2151 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT2151 Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT2151 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Cont’d.)
2151
2150A
2155
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Total Harmonic Distortion
THD
I
IN
+ I
OUT
= 180
µA, 1 kHz
0 dB gain
—
0.004 0.02
—
0.005 0.03
—
—
—
%
±15 dB gain
—
0.025 0.045
—
0.05
0.07
—
—
—
%
I
IN
+ I
OUT
= 150
µA, 1 kHz
0 dB gain
—
—
—
—
—
—
—
0.006 0.03
%
±15 dB gain
—
—
—
—
—
—
—
0.05
0.07
%
Symmetry Control Voltage
V
SYM
A
V
= 0 dB, THD < 0.07%
-1.6
0
+1.6
-2
0
+2
-2.5
0
+2.5
mV
Gain at 0 V Control Voltage
E
C–
= 0 mV
-0.1
0.0
+0.1
-0.15
0.0
+0.15
-0.2
0.0
+0.2
dB
Ec+
Ec+
Ec-
OUT
-IN
V-
GND
V+
-
+
Ec-
10u
LF351
47p
20k
50k
ADJ
SYM
150k
51
5.1k
20k
+15V
-15V
-15V
+15V
OUTPUT
Rsym
INPUT
1
5
6
2
4
8
3
7
300k (2155)
390k (2150A)
470k (2151)
Figure 3. Typical Application Circuit
Figure 4. Frequency Response Vs. Gain (2150A)
2150
Series
VCA
Figure 5. Noise (20kHz NBW) Vs. Gain (2150A)
THAT Corporation; 734 Forest Street; Marlborough, Massachusetts 01752; USA
Tel: (508) 229-2500; Fax: (508) 229-2590; Web: http://www.thatcorp.com
Rev. 10/25/96
Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com