Electronic Components Datasheet Search
  English  ▼

X  

9FGL06 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 9FGL06
Description  6-output 3.3V PCIe Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL06 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 9FGL06 Datasheet HTML 8Page - Integrated Device Technology 9FGL06 Datasheet HTML 9Page - Integrated Device Technology 9FGL06 Datasheet HTML 10Page - Integrated Device Technology 9FGL06 Datasheet HTML 11Page - Integrated Device Technology 9FGL06 Datasheet HTML 12Page - Integrated Device Technology 9FGL06 Datasheet HTML 13Page - Integrated Device Technology 9FGL06 Datasheet HTML 14Page - Integrated Device Technology 9FGL06 Datasheet HTML 15Page - Integrated Device Technology 9FGL06 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
6-OUTPUT 3.3V PCIE CLOCK GENERATOR
12
OCTOBER 19, 2016
9FGL06 DATASHEET
SMBus Table: Revision and Vendor ID Register
Byte 5
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
0
Bit 6
RID2
R
0
Bit 5
RID1
R
0
Bit 4
RID0
R
1
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
SMBus Table: Device Type/Device ID
Byte 6
Name
Control Function
Type
0
1
Default
Bit 7
Device Type1
R
0
Bit 6
Device Type0
R
0
Bit 5
Device ID5
R
0
Bit 4
Device ID4
R
0
Bit 3
Device ID3
R
0
Bit 2
Device ID2
R
1
Bit 1
Device ID1
R
1
Bit 0
Device ID0
R
0
SMBus Table: Byte Count Register
Byte 7
Name
Control Function
Type
0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
0
Bytes 8 and 9 are Reserved.
SMBus Table: PLL MN Enable, PD_Restore
Byte 10
Name
Control Function
Type
0
1
Default
Bit 7
PLL M/N En1
M/N Programming Enable
RW
M/N Prog. Disabled M/N Prog. Enabled
0
Bit 6
Power-Down (PD) Restore
Restore Default Config. In PD
RW
Clear Config in PD Keep Config in PD
1
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
1. This bit is a '1' on 9FGL0xP1 devices
000110 binary or 06 hex
Device ID
Reserved
Writing to this register will configure how
many bytes will be read back, default is
= 8 bytes.
Reserved
Byte Count Programming
Reserved
Reserved
Reserved
0001 = IDT
VENDOR ID
B rev = 0001
Revision ID
Reserved
Reserved
Reserved
00 = FGx, 01 = DBx,
10 = DMx, 11= DBx w/oPLL
Device Type
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com