Electronic Components Datasheet Search
  English  ▼

X  

THS4140CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4140CD
Description  HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4140CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4140CD Datasheet HTML 3Page - Texas Instruments THS4140CD Datasheet HTML 4Page - Texas Instruments THS4140CD Datasheet HTML 5Page - Texas Instruments THS4140CD Datasheet HTML 6Page - Texas Instruments THS4140CD Datasheet HTML 7Page - Texas Instruments THS4140CD Datasheet HTML 8Page - Texas Instruments THS4140CD Datasheet HTML 9Page - Texas Instruments THS4140CD Datasheet HTML 10Page - Texas Instruments THS4140CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
THS4140, THS4141
HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS320E − MAY 2000 − REVISED JANUARY 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
−1.25
−1
−0.75
−0.5
−0.25
0
0.25
0.5
0.75
1
1.25
116
118
120
122
124
126
128
G = 1,
Rf = 330 Ω,
RL = 800 Ω,
CF = 1 pF,
CI = 0
VCC = ±15 V
VCC = 5 V
SLEW RATE
t − Time − ns
VI Peak = 1,
TA = 25 °C
Figure 7
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
100 k
1M
10 M
100 M
f − Frequency − Hz
VCC = ±15 V
SECOND HARMONIC DISTORTION
vs
FREQUENCY
VCC = ±5 V
VO = 4 VPP,
RL = 800 Ω,
Rf = 330 Ω,
G = 1
−92
−90
−88
−86
−84
−82
−80
12
34
5
6
f = 1 MHz,
RL = 800 Ω,
Rf = 330 Ω,
G = 1
VCC = 5 V
SECOND HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
VCC = ±15 V
Figure 8
VCC = ±5 V
Figure 9
−66
−65
−64
−63
−62
−61
−60
−59
−58
−57
12
3
4
5
6
f = 16 MHz,
RL = 800 Ω,
Rf = 330 Ω,
G = 1
VCC = 5 V
VCC = ±5 V
SECOND HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
VCC = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com