Electronic Components Datasheet Search
  English  ▼

X  

PS9614 Datasheet(PDF) 7 Page - NEC

Part # PS9614
Description  NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9614 Datasheet(HTML) 7 Page - NEC

  PS9614 Datasheet HTML 1Page - NEC PS9614 Datasheet HTML 2Page - NEC PS9614 Datasheet HTML 3Page - NEC PS9614 Datasheet HTML 4Page - NEC PS9614 Datasheet HTML 5Page - NEC PS9614 Datasheet HTML 6Page - NEC PS9614 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PS9614, PS9614L
RECOMMENDED SOLDERING CONDITIONS
(3) Cautions
•
Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
Time (s)
120
˚C
120–30 s
(preheating)
(heating)
to 10 s
to 60 s
260
˚C (peak temperature)
220
˚C
(1) Infrared reflow soldering
•
Peak reflow temperature
260 ˚C or below (package surface temperature)
•
Time of peak reflow temperature
10 seconds or less
•
Time of temperature higher than 220 ºC
60 seconds or less
•
Time to preheat temperature from 120 to 180°C 120±30 s
•
Number of reflows
Three
•
Flux
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt % is recommended.)
(2) Wave Soldering
•Temperature
260°C or below
•Time
10 seconds or less
•
Preheating conditions
120°C or below (package surface temperature
•
Number of times
One (allowed to be dipped in solder including plastic mold portion)
•
Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of
0.2 Wt % is recommended.
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
10/14/2003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com