Electronic Components Datasheet Search
  English  ▼

X  

PS9614L Datasheet(PDF) 2 Page - NEC

Part # PS9614L
Description  NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9614L Datasheet(HTML) 2 Page - NEC

  PS9614L Datasheet HTML 1Page - NEC PS9614L Datasheet HTML 2Page - NEC PS9614L Datasheet HTML 3Page - NEC PS9614L Datasheet HTML 4Page - NEC PS9614L Datasheet HTML 5Page - NEC PS9614L Datasheet HTML 6Page - NEC PS9614L Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current
mA
30
VR
Reverse Voltage
V
3
Detector
VCC
Supply Voltage
V
7
VO
Output Voltage
V
7
IO
Output Current
mA
25
PC
Power Dissipation
mW
40
BV
Isolation Voltage2
Vr.m.s.
3750
TA
Operating Ambient Temp.
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +125
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
PS9614, PS9614L
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input
and output.
RECOMMENDED
OPERATING CONDITIONS
SYMBOLS
PARAMETERS
UNITS MIN
TYP MAX
VFL
Low Level Input Voltage
V
0
0.8
IFH
High Level Input Current
mA
6.3
10
12.5
VCC
Supply Voltage
V
4.5
5
5.5
N
TTL (loads) (RL = 1kΩ)5
RL
Pull-up Resistance
Ω
330
4k
TA
Operating Ambient
-40
+85
Temperature
Note:
1. Test Circuit for Propagation Delay Time:
2. Test Circuit for Common Mode Transient Immunity:
*CL is approximately 15 pF which includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. Protect against static electricity when handling this product.
2. Bypass capacitor greater than 0.1 µF is used between VCC and GND near device (lead distance: 10 mm MIN).
(Continued from previous page.)
Input
Output
1.5 V
VOH
VOL
tPHL
tPLH
(IF = 7.5 mA)
50%
0 V
5 V
CL includes probe and stray wiring capacitance.
47 Ω
Pulse input (IF)
Input
(monitor)
(PW = 1
s,
Duty cycle = 1/10)
µ
RL = 350 Ω
VO (monitor)
VCC = 5 V
0.1
F
µ
CL = 15 pF
1
2
3
4
5
6
7
8
90%
10%
1 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
tr
tf
VO (monitor)
VCC = 5 V
0.1
F
µ
CL = 15 pF
VCM
RL = 350 Ω
SW IF
CL includes probe and stray wiring capacitance.
1
2
3
4
5
6
7
8
PS9614
M003
No. 1 pin Mark
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
M 0 03
Assembly Lot
Country Assembled
Type Number
MARKING
8
6
5
2
3
LED
Output
ON
L
OFF
H
Shield
FUNCTIONAL DIAGRAM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com