Electronic Components Datasheet Search
  English  ▼

X  

TMS28F010B Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS28F010B
Description  131072 BY 8-BIT FLASH MEMORY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010B Datasheet(HTML) 3 Page - Texas Instruments

  TMS28F010B Datasheet HTML 1Page - Texas Instruments TMS28F010B Datasheet HTML 2Page - Texas Instruments TMS28F010B Datasheet HTML 3Page - Texas Instruments TMS28F010B Datasheet HTML 4Page - Texas Instruments TMS28F010B Datasheet HTML 5Page - Texas Instruments TMS28F010B Datasheet HTML 6Page - Texas Instruments TMS28F010B Datasheet HTML 7Page - Texas Instruments TMS28F010B Datasheet HTML 8Page - Texas Instruments TMS28F010B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TMS28F010B
131072 BY 8-BIT
FLASH MEMORY
SMJS824B – MAY 1995 – REVISED AUGUST 1997
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device symbol nomenclature
Temperature Range Designator
L=
0
°Cto 70°C
E=
– 40
°Cto 85°C
Q=
– 40
°C to 125°C
Package Designator
FM =
Plastic Leaded Chip Carrier
DD =
Thin Small-Outline Package
DU =
Thin Small-Outline Package,
Reverse Pinout
Program / Erase Endurance
C5 = 100 000 Cycles
C4 = 10 000 Cycles
Speed Designator
-90 = 90 ns
-10 = 100 ns
-12 = 120 ns
-15 = 150 ns
-12
C5
FM
L
TMS28F010B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com