Electronic Components Datasheet Search
  English  ▼

X  

MCP73871-2CCI/ML Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73871-2CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2CCI/ML Datasheet(HTML) 3 Page - Microchip Technology

  MCP73871-2CCI/ML Datasheet HTML 1Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 2Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 3Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 4Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 5Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 6Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 7Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 8Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2008-2013 Microchip Technology Inc.
DS20002090C-page 3
MCP73871
Functional Block Diagram
STAT1
PROG1
VBAT
G = 0.001
VSS
Direction
Control
TERM
LTVT
HTVT
THERM
50 μA
UVLO,
REFERENCE,
CHARGE
CONTROL,
TIMER,
AND
STATUS
LOGIC
STAT2
PG
Direction
Control
PROG2
IN
CURRENT
LIMIT
VREF
CURRENT
LIMIT
VREF/2
PROG3
CA
VREF
PRECONDITION
VREF
VA
VREF
VREF
SEL
OUT
VREF
TE
0.2
0.2
Ideal
Diode,
Synchronous
Switch
CHRG
VREF
+
-
VREF
VPCC
CE
VBAT_SENSE
G = 0.001
G = 0.001
G = 0.001
VREF (1.21V)
361k
190k
7k
89k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com