Electronic Components Datasheet Search
  English  ▼

X  

SSF23 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SSF23
Description  M16 internal fitting switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SSF23 Datasheet(HTML) 1 Page - Cynergy3 Co

  SSF23 Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2013Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
SSF23 Series
M16 internal fitting switch
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The SSF23 series is a compact vertical
internally mounted device. Mounting is in
the top or bottom of the tank from the
inside, so requires access to the inside of
the tank.
These are manufactured in 316 grade
Stainless steel.
The switch action may be reversed by
removing the float, inverting and then
refitting it to the stem.
Available with either flying leads or M12
connection.
Mechanical Dimensions
Miniature design
User configurable N/O (make on rise) or N/C (make on fall)
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
Internal fitting via M16 thread
Stainless steel 316
Temperature up to 120ºC
T
echnical Specification
Mounting style
Internal
Cable length - standard
100cm/M12 connection
Mounting thread
M16
Cable size
17/0.10 - AWG22
Float & Stem material
316grade SS
Cable conductor material
Tinned copper
Maximum Temperature
120ºC
Cable sheath material
XLPE
Maximum pressure
10 bar
Cable temperature rating
125ºC
Float SG
0.7
Sealing gasket
Silicone
Minimum fluid SG
0.8
Tightening torque for fixing nut 2.0kg/cm
Electrical Specification
Contact Form
N/O (N/C)
Switching Power Max
VA
50
Switching Voltage AC Max V
300
Switching Voltage DC Max V
300
Switching Current Max
A
0.5
All ratings are for resistive load only.
Standard Parts
Material
Max Power
Leadouts
SSF23X100
SS 316
50VA
100cm XLPE 17/0.1
SSF23XPM12
SS 316
50VA
M12 connection
Lead wire
1000mm
M16
50
30.8
Ø8
76.3
19.5
15
5
Ø28.8
11.3
6
Immersion
depth
O22
50
30.8
Ø8
76.3
19.5
5
Ø28.8
6
Immersion
depth
He
x 2
4
O16
4
3
1
2
Plug connections
M12x1
28
20
M16x2
Hex Nut 24mm AF
Hex 24mm AF


Similar Part No. - SSF23

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2300 SILIKRON-SSF2300 Datasheet
348Kb / 7P
The SSF2300 uses advanced trench technology
logo
GOOD-ARK Electronics
SSF2300 GOOD-ARK-SSF2300 Datasheet
696Kb / 6P
20V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF2300A SILIKRON-SSF2300A Datasheet
407Kb / 7P
Battery protection
logo
GOOD-ARK Electronics
SSF2300A GOOD-ARK-SSF2300A Datasheet
730Kb / 6P
20V N-Channel MOSFET
SSF2300A GOOD-ARK-SSF2300A_15 Datasheet
724Kb / 6P
20V N-Channel MOSFET
More results

Similar Description - SSF23

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF40 CYNERGY3-RSF40 Datasheet
369Kb / 1P
compact internal fitting
SSF213 CYNERGY3-SSF213 Datasheet
325Kb / 1P
miniature internal fitting
SSF26 CYNERGY3-SSF26 Datasheet
216Kb / 1P
high temperature internal fitting
SSF28 CYNERGY3-SSF28 Datasheet
221Kb / 1P
high pressure internal fitting
SSF26X035 CYNERGY3-SSF26X035 Datasheet
316Kb / 1P
high temperature internal fitting
RSF150 CYNERGY3-RSF150 Datasheet
59Kb / 1P
Compact internal fitting vertical
SSF22 CYNERGY3-SSF22 Datasheet
2Mb / 1P
Miniature internal fitting switch
RSF30 CYNERGY3-RSF30 Datasheet
267Kb / 1P
100VA Internal fitting switch
SSF25 CYNERGY3-SSF25 Datasheet
411Kb / 1P
BSP internal fitting switch with M12 plug
LLF40 CYNERGY3-LLF40 Datasheet
109Kb / 2P
Compact Internal Fitting, Low Level, Low S.G. Float Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com