Electronic Components Datasheet Search
  English  ▼

X  

DBUL Datasheet(PDF) 2 Page - Cynergy3 Co

Part # DBUL
Description  UL Approved Normally Closed, High Voltage Relays - 10kV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

DBUL Datasheet(HTML) 2 Page - Cynergy3 Co

  DBUL Datasheet HTML 1Page - Cynergy3 Co DBUL Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL
1
2
3
4
1
2
4
3
4
3
1
2
3
4
1
4
3
2
+
-
2 Mounting Studs
Complete with
M4
Nuts, Nylon 66
FORM B (NC)
*
NOTE: COIL POLARITY
IS IMPORTANT
NOTE: PINS WHICH ARE NOT NUMBERED
HAVE NO ELECTRICAL CONNECTION.
1
2
NOTE: PINS WHICH ARE NOT NUMBERED
HAVE NO ELECTRICAL CONNECTION.
STANDARD
(e.g. D T71210 )
BU
(e.g. D T71210T )
BU
TURRET (Wire Wrap)
(e.g. D T71210P )
BU
PANEL MOUNT
(e.g. D T71210S )
BU
FLYING LEAD
60.0
(0.62")
18.5
(0.15")
25.4
5.1
10.2
(0.2")
(0.4")
(1.0")
(2.0")
50.8
(2.0")
(0.25")
6.3
(0.39")
10.0
25.4
(1.0")
9.5
(0.37")
(2.0")
50.8
13.0
~300
4.0
(0.73")
(2.36")
15.8
50.8
CIRCUIT DIAGRAMS
(ALL VARIANTS)
(2.0")
50.8
6.3
(0.25")
(e.g. D T71210F )
BU
SPADE TYPE
3
4
2 Mounting Studs
M4 complete with nuts, Nylon 66.
Requires 2x holes minimum 4.0mm.
1
2
'S' Suffix denotes the 0.250" 'Push On'
blade connectors,
fixing bolts and Epoxy potting.
M4
2 Pins 63
Square
0. 5(0.025”)
4
0.
(0.025”)
Pins 635
Square
4
0.
(0.025”)
Pins 635
Square
4
0.
(0.025”)
Pins 635
Square
15.8
10.16
60.0
50.80
4.0
18.5
25.40
5.08
+
-1
48.00
11.60
11.0
9.00-
+1
30.0 max
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Cable: UL3239, 22AWG,
20kV, Nom. 3.2mm OD (White)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com