Electronic Components Datasheet Search
  English  ▼

X  

DM200 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # DM200
Description  Depth gauging system
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

DM200 Datasheet(HTML) 1 Page - Cynergy3 Co

  DM200 Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2012 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
DM200
Depth gauging system
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
This is a simple but effective portable
gauging system for determining the level
of water in boreholes up to a maximum
depth of 200 metres.
The probe is lowered down the hole, by
unwinding the cable reel, until such time
as the signal is activated on the reel. The
depth can then be read off the cable,
which is marked with the length at 10 cm
intervals.
This requires no external power source, as
it is powered by an internal battery.
Visual and acoustic signal when in water
Water sensing with conductive probe
Portable system
Depth gauging for water boreholes
200 metre cable with length marking printed every
10cm.
Standard Parts
Max depth
Mark intervals
Cable type
DM200
200 metres
10 cm
PVC sheathed 2 core


Similar Part No. - DM200

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DM200-01-0 FINISAR-DM200-01-0 Datasheet
262Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-1 FINISAR-DM200-01-1 Datasheet
262Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-2 FINISAR-DM200-01-2 Datasheet
262Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4 FINISAR-DM200-01-4 Datasheet
264Kb / 10P
10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
More results

Similar Description - DM200

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF64EXS CYNERGY3-RSF64EXS Datasheet
343Kb / 1P
variable insertion depth float switch
logo
Murata Manufacturing Co...
SCP1000 MURATA-SCP1000 Datasheet
393Kb / 7P
SCP1000 SERIES (120 kPa) ABSOLUTE PRESSURE SENSOR Level gauging
logo
Hammond Manufacturing L...
RDCM HAMMOND-RDCM Datasheet
86Kb / 1P
Rail Depth Cable Manager
logo
Cynergy3 Co
ILLS CYNERGY3-ILLS Datasheet
88Kb / 2P
Submersible Tank Gauging Level Transmitter
ILLSU CYNERGY3-ILLSU Datasheet
91Kb / 2P
Submersible Tank Gauging Level Transmitter
logo
Hirose Electric
TF06L HIROSE-TF06L Datasheet
100Kb / 1P
Low Profile, Short Mounting Depth
logo
Advantech Co., Ltd.
96KBM-1C ADVANTECH-96KBM-1C Datasheet
557Kb / 1P
1U Short Depth Keyboard Drawer
logo
Banner Engineering Corp...
LG5A65PI BANNER-LG5A65PI Datasheet
982Kb / 11P
Laser Gauging Sensors
logo
Emerson Network Power
2460 EMERSON-NETWORKPOWER-2460 Datasheet
3Mb / 24P
Rosemount??2460 System Hub for tank gauging systems
logo
Schneider Electric
9422R1 SCHNEIDER-9422R1 Datasheet
63Kb / 2P
Operating mechanism, flange mounted, variable depth, standard operating rod, 9422 variable depth mechanism
Jul 19, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com