Electronic Components Datasheet Search
  English  ▼

X  

TPS61091 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61091
Description  SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61091 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61091 Datasheet HTML 1Page - Texas Instruments TPS61091 Datasheet HTML 2Page - Texas Instruments TPS61091 Datasheet HTML 3Page - Texas Instruments TPS61091 Datasheet HTML 4Page - Texas Instruments TPS61091 Datasheet HTML 5Page - Texas Instruments TPS61091 Datasheet HTML 6Page - Texas Instruments TPS61091 Datasheet HTML 7Page - Texas Instruments TPS61091 Datasheet HTML 8Page - Texas Instruments TPS61091 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
PIN ASSIGNMENTS
RSA Package
(Top View)
LBO
VOUT
EN
SYNC
LBI
NC
SW
SW
TPS61090
TPS61091, TPS61092
SLVS484A – JUNE 2003 – REVISED APRIL 2004
Electrical Characteristics (continued)
over recommended free-air temperature range and over recommended input voltage range (typical values are at an ambient
temperature range of 25
°C) (unless otherwise noted)
DC/DC STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Load regulation
0.6%
into
IO = 0 mA, VEN = VBAT = 1.8 V, VOUT =5 V
10
25
µA
VBAT
Quiescent current
into
IO = 0 mA, VEN = VBAT = 1.8 V, VOUT = 5 V
10
20
µA
VOUT
Shutdown current
VEN= 0 V, VBAT = 2.4 V
0.1
1
µA
CONTROL STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVLO
Under voltage lockout threshold
VLBI voltage decreasing
1.5
V
VIL
LBI voltage threshold
VLBI voltage decreasing
490
500
510
mV
LBI input hysteresis
10
mV
LBI input current
EN = VBAT or GND
0.01
0.1
µA
LBO output low voltage
VO = 3.3 V, IOI = 100 µA
0.04
0.4
V
LBO output low current
100
µA
LBO output leakage current
VLBO = 7 V
0.01
0.1
µA
VIL
EN, SYNC input low voltage
0.2
× VBAT
V
VIH
EN, SYNC input high voltage
0.8
× VBAT
V
EN, SYNC input current
Clamped on GND or VBAT
0.01
0.1
µA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
11
I
Enable input. (1/VBAT enabled, 0/GND disabled)
FB
14
I
Voltage feedback of adjustable versions
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com